Electronic Components Datasheet Search
  English  ▼

X  

NTG Datasheet(PDF) 1 Page - Micro Commercial Components

Part # NTG
Description  High Accuracy NTC Thermistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

NTG Datasheet(HTML) 1 Page - Micro Commercial Components

  NTG Datasheet HTML 1Page - Micro Commercial Components NTG Datasheet HTML 2Page - Micro Commercial Components NTG Datasheet HTML 3Page - Micro Commercial Components NTG Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTG Series
High Accuracy NTC
Thermistors
Features
•
DO-35 glass package
•
High stability
•
Wide range of operating temperature from -50
℃ up to 250℃
Applications
•
Low cost probe assembies
•
High temperature printer ink sensing
•
Consumer electronics
•
High temperature – high speed tire manufacturing
•
Printed circuit board temperature sensing
•
Air-conditioner
General Characteristics
Symbol
Parameter
Value
Unit
R25
Rated zero-power resistance
10
2~106
Ω
Tolerance of R25
±1%, ±2%, ±3%,
±5%, ±10%,
B
25/50
B
25/85
Range of B value
2000~5000
K
Tolerance of B value
±0.5%, ±1%, ±1.5%,
Dissipation factor*
≧2.0
mW
Thermal time constant*
≦20
Sec.
Rated power
250
mW
Operating temperature range
-50 ~ +250
℃
* In still air
DO-35 GLASS
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.166
---
4.2
B
---
.079
---
2.00
C
---
.020
---
.52
D
1.000
---
25.40
---
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: 4
2010/02/25




TM
Micro Commercial Components
www.mccsemi.com
1 of 4
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
•
Moisture Sensitivity: Level 1 per J-STD-020C
Note:
1. Lead in Glass Exemption Applied, see EU Directive Annex 5.
B
0/50


Similar Part No. - NTG

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
NTG MCC-NTG Datasheet
352Kb / 3P
High Accuracy NTC Thermistors
logo
Mobile Mark, Inc.
NTG-1575 MOBILEMARK-NTG-1575 Datasheet
325Kb / 1P
MULTIBAND SURFACE MOUNT ANTENNA
5/2022
logo
YAGEO Corporation
NTG04-011 YAGEO-NTG04-011 Datasheet
899Kb / 16P
NTC Thermistor NT
Nov. 27, 2023 V.0
NTG04-012 YAGEO-NTG04-012 Datasheet
899Kb / 16P
NTC Thermistor NT
Nov. 27, 2023 V.0
NTG04-013 YAGEO-NTG04-013 Datasheet
899Kb / 16P
NTC Thermistor NT
Nov. 27, 2023 V.0
More results

Similar Description - NTG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF58 ETC-MF58 Datasheet
130Kb / 1P
HIGH ACCURACY NTC THERMISTORS TYPE
logo
Vishay Siliconix
23226403 VISHAY-23226403 Datasheet
217Kb / 19P
NTC Thermistors, Accuracy Line
10-Oct-03
232264010472 VISHAY-232264010472 Datasheet
56Kb / 4P
NTC Thermistors, Special Accuracy
10-Oct-03
232264053202 VISHAY-232264053202 Datasheet
79Kb / 6P
NTC Thermistors, Accuracy Line
15-Jun-04
NTCLE100E3 VISHAY-NTCLE100E3 Datasheet
100Kb / 5P
NTC Thermistors, Special Accuracy
14-Sep-06
logo
Micro Commercial Compon...
NTG MCC-NTG Datasheet
352Kb / 3P
High Accuracy NTC Thermistors
NTG222-3950 MCC-NTG222-3950 Datasheet
251Kb / 2P
High Accuracy NTC Thermistors
logo
Vishay Siliconix
NTCLE101E3104SB0 VISHAY-NTCLE101E3104SB0 Datasheet
89Kb / 5P
NTC Thermistors, Radial Leaded Special Accuracy
06-Jul-11
NTCLE203E3103FB0 VISHAY-NTCLE203E3103FB0 Datasheet
107Kb / 9P
NTC Thermistors, Radial Leaded, Accuracy Line
18-May-11
NTCLE203E3 VISHAY-NTCLE203E3_17 Datasheet
84Kb / 3P
NTC Thermistors, Radial Leaded, Accuracy Line
26-Jun-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com