Electronic Components Datasheet Search
  English  ▼

X  

TMP006 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMP006
Description  Infrared Thermopile Sensor in Chip-Scale Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP006 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP006 Datasheet HTML 2Page - Texas Instruments TMP006 Datasheet HTML 3Page - Texas Instruments TMP006 Datasheet HTML 4Page - Texas Instruments TMP006 Datasheet HTML 5Page - Texas Instruments TMP006 Datasheet HTML 6Page - Texas Instruments TMP006 Datasheet HTML 7Page - Texas Instruments TMP006 Datasheet HTML 8Page - Texas Instruments TMP006 Datasheet HTML 9Page - Texas Instruments TMP006 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
3
2.5
2
1.5
1
0.5
0
0.5
1
1.5
2
2.5
3
-
-
-
-
-
-
-40
125
BathTemperature( C)
°
-25
5
50
65
35
20
80
-10
95
110
3.3V
5.5V
2.2V
4
3
2
1
0
1
2
3
4
-
-
-
-
-20
40
T
T ( C)
-
°
Object
A
0
30
20
-10
10
T =
A
20 C
°
T =
A
40 C
°
100
80
60
40
20
0
20
-
-90
90
Angle( )
°
10
50
70
FieldofView
30
-70
-50
-30
-10
TMP006
SBOS518A
– MAY 2011 – REVISED JULY 2011
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C and VS = 3.3 V, unless otherwise noted.
TYPICAL LOCAL TEMPERATURE ERROR
TYPICAL OBJECT TEMPERATURE ERROR
Figure 1.
Figure 2.
RESPONSIVITY vs ANGLE
Figure 3.
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TMP006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com