Electronic Components Datasheet Search
  English  ▼

X  

TMP006 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMP006
Description  Infrared Thermopile Sensor in Chip-Scale Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP006 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP006 Datasheet HTML 3Page - Texas Instruments TMP006 Datasheet HTML 4Page - Texas Instruments TMP006 Datasheet HTML 5Page - Texas Instruments TMP006 Datasheet HTML 6Page - Texas Instruments TMP006 Datasheet HTML 7Page - Texas Instruments TMP006 Datasheet HTML 8Page - Texas Instruments TMP006 Datasheet HTML 9Page - Texas Instruments TMP006 Datasheet HTML 10Page - Texas Instruments TMP006 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Device
ADR0
SCL
V+
A3
C3
C1
A1
SDA
B3
C2
B1
ADR1
A2
AGND
DGND
DRDY
C >0.01
F
m
F
TMP006
www.ti.com
SBOS518A
– MAY 2011 – REVISED JULY 2011
OVERVIEW
The TMP006 is a digital temperature sensor that is optimal for thermal management and thermal protection
applications where remote non-contact sensing is desired. The TMP006 is two-wire and SMBus interface
compatible, and is specified over the ambient temperature range of
–40°C to +125°C. The TMP006 measures
object temperatures over a temperature range of
–40°C to +125°C. The TMP006 contains registers for holding
configuration information, temperature measurement results, and sensor voltage measurement. The ambient
temperature measurement and the sensor voltage measurement are used to calculate the object temperature.
Refer to the TMP006 User Guide (SBOU107) for more details.
The SCL and SDA interface pins require pull-up resistors (10 k
Ω, typical) as part of the communication bus, while
DRDY is an open-drain output that must also use a pull-up resistor. DRDY may be shared with other devices if
desired for a wired-OR implementation. A 0.01-
μF power-supply bypass capacitor is recommended, as shown in
Figure 4.
Figure 4. Typical Connection Diagram
The TMP006 provides both local temperature and the thermopile sensor voltage outputs in a WCSP. The local
temperature sensor in the TMP006 is integrated on-chip; the thermal path runs through the WCSP solder balls.
The low thermal resistance of the solder balls provides the thermal path to maintain the chip at the temperature
of the local environment.
The top side of the WCSP must face the object that is being measured with an unobstructed view in order to
accurately measure the temperature. Refer to the user guide TMP006 Layout and Assembly Guidelines
(SBOU108) for more details.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TMP006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com