Electronic Components Datasheet Search
  English  ▼

X  

TMP006 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP006
Description  Infrared Thermopile Sensor in Chip-Scale Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP006 Datasheet(HTML) 1 Page - Texas Instruments

  TMP006 Datasheet HTML 1Page - Texas Instruments TMP006 Datasheet HTML 2Page - Texas Instruments TMP006 Datasheet HTML 3Page - Texas Instruments TMP006 Datasheet HTML 4Page - Texas Instruments TMP006 Datasheet HTML 5Page - Texas Instruments TMP006 Datasheet HTML 6Page - Texas Instruments TMP006 Datasheet HTML 7Page - Texas Instruments TMP006 Datasheet HTML 8Page - Texas Instruments TMP006 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
20
15
10
5
0
-
3
3
T
Error( C)
°
Object
-
1
2
1
-
2
0
T
=
Object
Local
20 C
T
=20 C
°
°
-
s
3
+3 s
TMP006
www.ti.com
SBOS518A
– MAY 2011 – REVISED JULY 2011
Infrared Thermopile Sensor in Chip-Scale Package
Check for Samples: TMP006
1
FEATURES
DESCRIPTION
The TMP006 is the first in a series of temperature
23
•
Complete Solution in 1,6 mm
× 1,6 mm Wafer
sensors that measure the temperature of an object
Chip-Scale Package (WCSP) IC (DSBGA)
without the need to make contact with the object. This
•
Digital Output:
sensor uses a thermopile to absorb the infrared
– Sensor Voltage: 7 μV/°C
energy emitted from the object being measured and
uses the corresponding change in thermopile voltage
– Local Temperature: –40°C to +125°C
to determine the object temperature.
•
SMBus
™ Compatible Interface
Infrared sensor voltage range is specified from
–40°C
•
Pin-Programable Interface Addressing
to +125
°C to enable use in a wide range of
•
Low Supply Current: 240
μA
applications. Low power consumption along with low
•
Low Minimum Supply Voltage: 2.2 V
operating
voltage
makes
the
part
suitable
for
battery-powered
applications.
The
low
package
height of the chip-scale format enables standard high
APPLICATIONS
volume assembly methods, and can be useful where
•
Notebook Case Temperature
limited spacing to the object being measured is
•
Comfort Index Measurement
available.
•
Motor Case Temperature
•
Server Farm Power Management
Histogram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SMBus is a trademark of Intel Corporation.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMP006

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006 TI1-TMP006 Datasheet
1Mb / 38P
Infrared Thermopile Sensor in Chip-Scale Package
TMP006AIYZFR TI1-TMP006AIYZFR Datasheet
262Kb / 17P
Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006AIYZFR TI1-TMP006AIYZFR Datasheet
789Kb / 21P
Infrared Thermopile Sensor in Chip-Scale Package
TMP006AIYZFR TI1-TMP006AIYZFR Datasheet
1Mb / 38P
Infrared Thermopile Sensor in Chip-Scale Package
More results

Similar Description - TMP006

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
THERMOPILE INFRARED SENSOR
TP337 ETC1-TP337 Datasheet
214Kb / 9P
Thermopile Infrared Sensor
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
THERMOPILE INFRARED SENSOR
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
THERMOPILE INFRARED SENSOR
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006BIYZFR TI1-TMP006BIYZFR Datasheet
789Kb / 21P
Infrared Thermopile Sensor in Chip-Scale Package
TMP006 TI-TMP006_15 Datasheet
1Mb / 38P
TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
Infrared Thermopile Sensor in Chip-Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com