Electronic Components Datasheet Search
  English  ▼

X  

LPC4350 Datasheet(PDF) 101 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet two High-speed USBs; advanced configurable peripherals
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4350 Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button LPC4350 Datasheet HTML 97Page - NXP Semiconductors LPC4350 Datasheet HTML 98Page - NXP Semiconductors LPC4350 Datasheet HTML 99Page - NXP Semiconductors LPC4350 Datasheet HTML 100Page - NXP Semiconductors LPC4350 Datasheet HTML 101Page - NXP Semiconductors LPC4350 Datasheet HTML 102Page - NXP Semiconductors LPC4350 Datasheet HTML 103Page - NXP Semiconductors LPC4350 Datasheet HTML 104Page - NXP Semiconductors LPC4350 Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 145 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2.1 — 23 September 2011
101 of 145
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
11. Dynamic characteristics
11.1 Digital I/O and CLKOUT pins, oscillator, PLL, and C_CAN
[1]
Oscillator start-up time depends on the quality of the crystal. For most crystals it takes about 1000 clock pulses until the clock is fully
stable.
Table 10.
Dynamic characteristics: Digital I/O and CLKOUT pins, oscillator, PLL, and C_CAN
VDD(IO) , VDD(REG)(3V3) over specified ranges; all voltages are measured with respect to ground; positive currents flow into the
IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Digital I/O pins
tTHL
HIGH to LOW transition
time
CL = 30 pF
<tbd>
-
<tbd>
ns
tTLH
LOW to HIGH transition
time
CL = 30 pF
<tbd>
-
<tbd>
ns
CLKOUT pin
fclk
clock frequency
on pin CLKOUT
-
-
<tbd>
MHz
Oscillator
tstartup
start-up time
at maximum frequency
[1] -<tbd>
-
s
PLL0
fi(PLL)
PLL input frequency
0.014
-
25
MHz
fo(PLL)
PLL output frequency
4.3
-
550
MHz
CCO; direct mode
275
-
550
MHz
PLL1
fi(PLL)
PLL input frequency
10
-
25
MHz
fo(PLL)
PLL output frequency
10
-
160
MHz
CCO; direct mode
156
-
320
MHz
Jitter specification for C_CAN
tjit(cc)(p-p)
cycle to cycle jitter
(peak-to-peak value)
on CAN TD1 pin
-
<tbd>
<tbd>
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com