Electronic Components Datasheet Search
  English  ▼

X  

LZ9FD34 Datasheet(PDF) 3 Page - Sharp Corporation

Part # LZ9FD34
Description  Single-chip Driver IC for 270 k/320 k/ 410 k/470 k-pixel B/W CCDs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ9FD34 Datasheet(HTML) 3 Page - Sharp Corporation

  LZ9FD34 Datasheet HTML 1Page - Sharp Corporation LZ9FD34 Datasheet HTML 2Page - Sharp Corporation LZ9FD34 Datasheet HTML 3Page - Sharp Corporation LZ9FD34 Datasheet HTML 4Page - Sharp Corporation LZ9FD34 Datasheet HTML 5Page - Sharp Corporation LZ9FD34 Datasheet HTML 6Page - Sharp Corporation LZ9FD34 Datasheet HTML 7Page - Sharp Corporation LZ9FD34 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LZ9FD34
3
PIN DESCRIPTION
An input pin to control electronic exposure mode, flicker-
less mode and WIND (pin 39) pulse output.
WIND1 : Vertical pulse
WIND2 : Composite pulse (vertical and horizontal)
PIN NO. SYMBOL
I/O
POLARITY
PIN NAME
DESCRIPTION
1
TST1
ICD
–
Test pin 1
A test pin. Set open or to L level in the normal mode.
2
TST2
ICD
–
Test pin 2
A test pin. Set open or to L level in the normal mode.
3
VRI
ICSU
–
Vertical reset input
An input pin for resetting internal vertical counter.
The input pulse is VSYNC. (negative polarity)
4
TVMD
ICU
–
TV mode selection
input
An input pin to select TV standards.
L level
: EIA mode
H level or open
: CCIR mode
5
CSYN
O
Composite
synchronizing pulse
output
An output pin of composite synchronous signal pulse.
6VDD
–
–
Power supply
Supply of +5 V power.
7
GND
–
–
Ground
A grounding pin.
8
CBLK
O
Composite blanking
pulse output
An output pin of composite blanking pulse.
9HD
O
Horizontal drive
pulse output
The pulse occurs at the start of every line.
10
VD
O
Vertical drive pulse
output
The pulse occurs at the start of every field.
11
HBLK
O
Horizontal blanking
pulse output
A pulse that corresponds to the cease period of the
horizontal transfer pulse.
12
TST3
ICD
Test pin 3
A test pin. Set open or to L level in the normal mode.
–
13
BCP
O
Optical black clamp
pulse output
A pulse to clamp the optical black signal. This pulse
stays low during the absence of effective pixels within
the vertical blanking.
14
TST4
ICD
Test pin 4
A test pin. Set open or to L level in the normal mode.
–
15
TST5
ICD
Test pin 5
A test pin. Set open or to L level in the normal mode.
–
16
GND
–
Ground
A grounding pin.
–
17
ACLX
ICU
All clear input
An input pin for resetting all internal circuits at power on.
Connect VDD through the diode and through the
capacitor.
–
18
VDD
–
Power supply
Supply of +5 V power.
–
FLMD
Electronic Shutter mode
WIND
L
EIA : 1/60 s, CCIR : 1/50 s WIND1
H
EIA : 1/100 s, CCIR : 1/120 s WIND1
L
Electronic exposure mode WIND1
H
Electronic exposure mode WIND2
19
20
FLMD
ICU
Electronic exposure
and WIND pulse
control input 1
–
EEMD
ICU
Electronic exposure
and WIND pulse
control input 2
–
EEMD
L
L
H
H



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com