Electronic Components Datasheet Search
  English  ▼

X  

LZ9FD34 Datasheet(PDF) 4 Page - Sharp Corporation

Part # LZ9FD34
Description  Single-chip Driver IC for 270 k/320 k/ 410 k/470 k-pixel B/W CCDs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ9FD34 Datasheet(HTML) 4 Page - Sharp Corporation

  LZ9FD34 Datasheet HTML 1Page - Sharp Corporation LZ9FD34 Datasheet HTML 2Page - Sharp Corporation LZ9FD34 Datasheet HTML 3Page - Sharp Corporation LZ9FD34 Datasheet HTML 4Page - Sharp Corporation LZ9FD34 Datasheet HTML 5Page - Sharp Corporation LZ9FD34 Datasheet HTML 6Page - Sharp Corporation LZ9FD34 Datasheet HTML 7Page - Sharp Corporation LZ9FD34 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LZ9FD34
PIN NO. SYMBOL
I/O
POLARITY
PIN NAME
DESCRIPTION
23
FCDS
O4MA2
CDS pulse output 1
A pulse to clamp the feed-through level from CCD.
24
FS
O4MA2
CDS pulse output 2
A pulse to sample-hold the signal from CCD.
25
TST6
ICD
–
Test pin 6
A test pin. Set open or to L level in the normal mode.
26
CCD
ICU
–
CCD selection input
An input pin to select sensor type.
H level or open
: 410 k, 470 k pixel CCD
L level
: 270 k, 320 k pixel CCD
28
V1X
O
Vertical transfer
pulse output 1
A vertical transfer pulse for CCD.
Connect to V1AX pin of vertical driver IC.
29
V2X
O
Vertical transfer
pulse output 2
A vertical transfer pulse for CCD.
Connect to V2AX pin of vertical driver IC.
30
VDD
–
–
Power supply
Supply of +5 V power.
31
GND
–
–
Ground
A grounding pin.
32
V3X
O
Vertical transfer
pulse output 3
A vertical transfer pulse for CCD.
Connect to V3AX pin of vertical driver IC.
33
V4X
O
Vertical transfer
pulse output 4
A vertical transfer pulse for CCD.
Connect to V4AX pin of vertical driver IC.
34
VH1X
O
Readout pulse
output
A pulse that transfers the charge of the photo-diode to
the vertical shift register. Connect to VH1AX pin or VH1BX
pin of vertical driver IC.
35
VH3X
O
Readout pulse
output
A pulse that transfers the charge of the photo-diode to
the vertical shift register. Connect to VH3AX pin or VH3BX
pin of the vertical driver IC.
36
OFDX
O
OFD pulse output
A pulse that sweeps the charge of the photo-diode for
the electronic shutter. Connect to OFD pin of CCD
through the vertical driver IC and DC offset circuit.
Held at H level at normal mode.
37
ITCH
ICU
–
Accumulation mode
selection input
An input pin to select accumulation mode.
H level or open
: Field accumulation mode
L level
: Frame accumulation mode
An input pin to control electronic exposure using EEUD
(pin 21) and EENR (pin 22).
H level or open
: Electronic exposure is operated.
L level
: Electronic exposure is stopped.
Electronic exposure
control input 3
–
ICU
EEST
38
A test pin. Set open or to L level in the normal mode.
Test pin 7
–
ICD
TST7
27
21
EEUD
IC
–
Electronic exposure
control input 1
22
EENR
IC
–
Electronic exposure
control input 2
An input pin to control electronic exposure.
EEUD EENR
Shutter Speed
H
L
up
H
H
control stopped
L
H
down



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com