Electronic Components Datasheet Search
  English  ▼

X  

LZ9FD34 Datasheet(PDF) 5 Page - Sharp Corporation

Part # LZ9FD34
Description  Single-chip Driver IC for 270 k/320 k/ 410 k/470 k-pixel B/W CCDs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ9FD34 Datasheet(HTML) 5 Page - Sharp Corporation

  LZ9FD34 Datasheet HTML 1Page - Sharp Corporation LZ9FD34 Datasheet HTML 2Page - Sharp Corporation LZ9FD34 Datasheet HTML 3Page - Sharp Corporation LZ9FD34 Datasheet HTML 4Page - Sharp Corporation LZ9FD34 Datasheet HTML 5Page - Sharp Corporation LZ9FD34 Datasheet HTML 6Page - Sharp Corporation LZ9FD34 Datasheet HTML 7Page - Sharp Corporation LZ9FD34 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LZ9FD34
5
PIN NO. SYMBOL
I/O
POLARITY
PIN NAME
DESCRIPTION
39
WIND
ON
N-ch
Open
Drain
() Windowpulseoutput
An output pin for window pulse.
WIND1 : When connected to EEST (pin 38), the
operation of electronic exposure can be
stopped at the upper side of monitor.
WIND2 : A pulse that picks out the center of CCD output.
At this time, set H level or open at EEST (pin
38). As the output circuit of WIND is N-ch open
drain, connect to VDD with R (≥ 47 k$).
40
FR
O4MA3
Reset pulse output
A pulse to reset the charge of output circuit.
Connect to ØR pin of CCD through the DC offset circuit.
41
VDD
–
–
Power supply
Supply of +5 V power.
42
FH2
O4MA3
Horizontal transfer
pulse output 2
A pulse to drive horizontal CCD shift register.
Connect to ØH2 pin of CCD.
43
GND
–
–
Ground
A grounding pin.
44
FH1
O4MA3
Horizontal transfer
pulse output 1
A pulse to drive horizontal CCD shift register.
Connect to ØH1 pin of CCD.
45
VDD
–
–
Power supply
Supply of +5 V power.
46
OSCI
OSCI
–
Clock input
An input pin for reference clock oscillation.
Connect to OSCO (pin 47) with R.
The frequencies are as follows :
fH = Horizontal frequency
47
OSCO
OSC3M
–
Clock output
An output pin for reference clock oscillation.
The output is the inverse of OSCI (pin 46).
EEMD FLMD
WIND
L
L
WIND1 (vertical pulse)
L
H
H
L
H
H
WIND2 (composite pulse)
TVMD CCD
Frequency
L
L
19.0699 MHz (1 212 fH)
L
H
H
L
H
H
28.3750 MHz (1 816 fH)
28.6364 MHz (1 820 fH)
19.3125 MHz (1 236 fH)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com