Electronic Components Datasheet Search
  English  ▼

X  

SI2302 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SI2302
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SI2302 Datasheet(HTML) 3 Page - Micro Commercial Components

  SI2302 Datasheet HTML 1Page - Micro Commercial Components SI2302 Datasheet HTML 2Page - Micro Commercial Components SI2302 Datasheet HTML 3Page - Micro Commercial Components SI2302 Datasheet HTML 4Page - Micro Commercial Components SI2302 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Micro Commercial Components
MCC
TM
Revision: A
2011/01/01
www.mccsemi.com
3 of 5
Ciss
Coss
Crss
600
500
400
300
200
100
0
0510152025
VDS, Drain-to-Source Voltage (V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage (V)
Figure 2. Transfer Characteristics
VDS, Drain-to-Source Voltage (V)
Figure 3. Capacitance
TJ, Junction Temperature( C)
Figure 4. On-Resistance Variation
with Temperature
2.2
1.9
1.6
1.3
1.0
0.7
0.4
V
GS=4.5V
I
D=3.6A
-100
-50
0
50
100
150
200
TJ, Junction Temperature( C)
Figure 5. Gate Threshold Variation
with Temperature
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
V
DS=VGS
I
D=250µA
-50
-25
0
25
50
75
100
125
150
VSD, Body Diode Forward Voltage (V)
Figure 6. Body Diode Forward Voltage
Variation with Source Current
10
0
10
1
0.2
0.4
0.6
0.8
10
-1
1.2
1.0
V
GS=0V
10
8
6
4
2
0
012
5
34
V
GS=2.0V
V
GS=4.5,3.5,2.5V
V
GS=1.5V
10
8
6
4
2
0
01
2
3
T
J=125 C
-55 C
25 C
SI2302



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com