Electronic Components Datasheet Search
  English  ▼

X  

SI2302 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SI2302
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SI2302 Datasheet(HTML) 1 Page - Micro Commercial Components

  SI2302 Datasheet HTML 1Page - Micro Commercial Components SI2302 Datasheet HTML 2Page - Micro Commercial Components SI2302 Datasheet HTML 3Page - Micro Commercial Components SI2302 Datasheet HTML 4Page - Micro Commercial Components SI2302 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SI2302
N-Channel
Enhancement Mode
Field Effect Transistor
Features
•
20V,3.0A,
RDS(ON)=55m
¡@VGS=4.5V
RDS(ON)=82m
¡@VGS=2.5V
•
High dense cell design for extremely low RDS(ON)
•
Rugged and reliable
•
Lead free product is acquired
•
SOT-23 Package
•
Marking Code: S2
Maximum Ratings @ 25OC Unless Otherwise Specified
Symbol
Parameter
Rating
Unit
VDS
Drain-source Voltage
20
V
ID
Drain Current-Continuous
3
A
IDM
Drain Current-Pulsed
a
10
A
VGS
Gate-source Voltage
f8
V
PD
Total Power Dissipation
1.25
W
R©JA
Thermal Resistance Junction to Ambientb
100
/W
TJ
Operating Junction Temperature
-55 to +150
TSTG
Storage Temperature
-55 to +150
Internal Block Diagram
Micro Commercial Components
MCC
TM
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision: A
2011/01/01
www.mccsemi.com
1 of 5
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
S
G
D
S
G
D
S
G
D
S
G
D
2
3
1
1.GATE
2. SOURCE
3. DRAIN
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - SI2302

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SI2302 MCC-SI2302 Datasheet
168Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
logo
Shenzhen Jin Yu Semicon...
SI2302 HTSEMI-SI2302 Datasheet
3Mb / 4P
20 V N-Channel Enhancement Mode MOSFET
logo
ZP Semiconductor
SI2302 ZPSEMI-SI2302 Datasheet
413Kb / 6P
N-Channel Enhancement Mode MOSFET
logo
GUANGDONG HOTTECH INDUS...
SI2302 HOTTECH-SI2302 Datasheet
272Kb / 3P
Plastic-Encapsulate Mosfets
logo
Foshan Blue Rocket Elec...
SI2302 FOSHAN-SI2302 Datasheet
468Kb / 6P
N- CHANNEL MOSFET in a SOT-23 Plastic Package
More results

Similar Description - SI2302

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com