Electronic Components Datasheet Search
  English  ▼

X  

SI2302 Datasheet(PDF) 4 Page - Micro Commercial Components

Part # SI2302
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SI2302 Datasheet(HTML) 4 Page - Micro Commercial Components

  SI2302 Datasheet HTML 1Page - Micro Commercial Components SI2302 Datasheet HTML 2Page - Micro Commercial Components SI2302 Datasheet HTML 3Page - Micro Commercial Components SI2302 Datasheet HTML 4Page - Micro Commercial Components SI2302 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SI2302
Micro Commercial Components
MCC
TM
Revision: A
2011/01/01
www.mccsemi.com
4 of 5
Qg, Total Gate Charge (nC)
Figure 7. Gate Charge
VDS, Drain-Source Voltage (V)
Figure 8. Maximum Safe
Operating Area
Figure 9. Switching Test Circuit
Figure 10. Switching Waveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULSE WIDTH
INVERTED
VDD
R
D
V
V
R
S
V
G
GS
IN
GEN
OUT
L
Square Wave Pulse Duration (sec)
Figure 11. Normalized Thermal Transient Impedance Curve
10
-2
10
-4
PDM
t1
t2
1. R JA (t)=r (t) * R JA
2. R JA=See Datasheet
3. TJM-TA =P*R JA (t)
4. Duty Cycle, D=t1/t2
10
0
Single Pulse
10
-1
10
1
10
2
10
0
10
-1
10
-2
10
-3
0.02
0.05
0.1
0.2
D=0.5
5
4
3
2
1
0
0246
V
DS=10V
I
D=3.6A
10
1
10
0
10
-1
10
1
10
0
10
-1
10
2
10
-2
1s
100ms
10ms
DC
1ms
R
DS(ON)Limit
Single Pulse
T
A=25 C
T
J=150 C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com