Electronic Components Datasheet Search
  English  ▼

X  

LS060S2UD01 Datasheet(PDF) 11 Page - Sharp Corporation

Part # LS060S2UD01
Description  LCD Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS060S2UD01 Datasheet(HTML) 11 Page - Sharp Corporation

Back Button LS060S2UD01 Datasheet HTML 7Page - Sharp Corporation LS060S2UD01 Datasheet HTML 8Page - Sharp Corporation LS060S2UD01 Datasheet HTML 9Page - Sharp Corporation LS060S2UD01 Datasheet HTML 10Page - Sharp Corporation LS060S2UD01 Datasheet HTML 11Page - Sharp Corporation LS060S2UD01 Datasheet HTML 12Page - Sharp Corporation LS060S2UD01 Datasheet HTML 13Page - Sharp Corporation LS060S2UD01 Datasheet HTML 14Page - Sharp Corporation LS060S2UD01 Datasheet HTML 15Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LCP-1310002-9
[Note
1]
Definitions
of
viewing
angle
range
[Note
2]
Definition
of
contrast
ratio
The
contrast
ratio
is
defined
as
the
following:
black
pixels
all
with
s)
(brightnes
Luminance
white
pixels
all
with
s)
(brightnes
Luminance
(CR)
ratio
ontrast
=
C
[Note
3]
Definition
of
response
time
The
response
time
is
defined
as
the
following
figure
and
shall
be
measured
by
switching
the
input
signal
for
“black”
and
“white”
[Note
4]
This
shall
be
measured
at
center
of
the
screen.
[Note
5]
A
measurement
device
is
Minolta
CM-2002.
[Note
6]
Definition
of
reflection
ratio
The
contrast
ratio
is
defined
as
the
following:
board
white
standard
by the
reflection
the
of
level
detected
Light
module
LCD
by the
reflection
the
of
level
detected
Light
(R)
ratio
ontrast
=
C
Black
White
White
Black
Time
τr
τd
90%
10%
90%
10%
Normal Line
θ21
θ11
θ12
θ22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com