Electronic Components Datasheet Search
  English  ▼

X  

LS060S2UD01 Datasheet(PDF) 17 Page - Sharp Corporation

Part # LS060S2UD01
Description  LCD Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS060S2UD01 Datasheet(HTML) 17 Page - Sharp Corporation

Back Button LS060S2UD01 Datasheet HTML 13Page - Sharp Corporation LS060S2UD01 Datasheet HTML 14Page - Sharp Corporation LS060S2UD01 Datasheet HTML 15Page - Sharp Corporation LS060S2UD01 Datasheet HTML 16Page - Sharp Corporation LS060S2UD01 Datasheet HTML 17Page - Sharp Corporation LS060S2UD01 Datasheet HTML 18Page - Sharp Corporation LS060S2UD01 Datasheet HTML 19Page - Sharp Corporation LS060S2UD01 Datasheet HTML 20Page - Sharp Corporation LS060S2UD01 Datasheet HTML 21Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
LCP-1310002-15
11.
Command
11-1
Command
explanation
NORMAL[02h]
Executes
power
ON
sequence
automatically
and
switches
to
NORMAL
mode.
STBY[04h]
Executes
power
OFF
sequence
automatically
and
switches
to
STANDBY
mode.
RDIMG[16h]
Enables
RAM
data
read.
By
reading
data
following
this
command,
RAM
data
for
entire
display
is
sequentially
read.
(Read
protocol
is
the
same
as
write
protocol.)
RDIMGPTL[18h]
Enables
RAM
data
read
(rectangular
wave
access).
By
reading
data
following
this
command,
RAM
data
for
area
set
in
PTLAREA
is
sequentially
read.
(Read
protocol
is
the
same
as
write
protocol.)
LDIMG[20h]
Enables
data
write
to
RAM.
By
writing
data
following
this
command,
data
is
sequentially
written
to
RAM
area
for
entire
display.
LDIMGPTL[22h]
Enables
data
write
(rectangular
wave
access)
to
RAM.
By
writing
data
following
this
command,
data
is
sequentially
written
to
RAM
area
for
area
set
in
PTLAREA.
PTLAREA[27h]
Sets
area
for
rectangular
wave
access.
XSTARTL
[D7-D0]:
Starting
address
for
rectangular
wave
access
(X
coordinate
low
8bit)※
XSTARTH
[D1,D0]:
Starting
address
for
rectangular
wave
access
(X
coordinate
high
2bit)※
YSTARTL
[D7-D0]:
Starting
address
for
rectangular
wave
access
(Y
coordinate
low
8bit)
YSTARTH
[D1,D0]
:
Starting
address
for
rectangular
wave
access
(Y
coordinate
high
2bit)
WIDTHL
[D7-D0] :
Width
of
rectangular
wave
access
(low
8
bit)※
WIDTHH
[D1,D0]
:
Width
of
rectangular
wave
access
(high
2
bit)※
HEIGHTL
[D7-D0] :
Height
of
rectangular
wave
access
(low
8
bit)
HEIGHTH
[D1,D0]
:
Height
of
rectangular
wave
access
(high
2
bit)
※
X
coordinate
and
area
width
of
rectangular
wave
access
starting
address
should
be
in
pixel
unit
which
can
be
transmitted
in
one
data
protocol.
However,
in
high
speed
write
mode,
it
should
be
set
in
multiple
of
8
regardless
of
data
protocol.
Eg.)
In
case
of
8bitbus
1bit/pixel,
data
that
can
be
transmitted
in
one
time
is
8
pixel
worth
of
data,
therefore,
each
setting
value
should
be
in
multiple
of
8.
In
case
of
16bitbus
4bit/pixel,
data
that
can
be
transmitted
in
one
time
is
4
pixel
worth
of
data,
therefore,
each
setting
value
should
be
in
multiple
of
4.
DISPDIR[28h]
Set
up
the
display.
ROTATION [D1,D0]:
[00]
none
[01]
90
degree
turn
[10]
180
degree
turn
[11]
270
degree
turn
DITHER[2Bh]
Set
up
On/Off
of
dithering
function.
This
dithers
data
4bit/pixel
read
from
RAM.
4
gray
scale
display
dithered
16
gray
scale
display
DITHER
[D0]
:
[0]OFF
[1]ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com