Electronic Components Datasheet Search
  English  ▼

X  

LS060S2UD01 Datasheet(PDF) 12 Page - Sharp Corporation

Part # LS060S2UD01
Description  LCD Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS060S2UD01 Datasheet(HTML) 12 Page - Sharp Corporation

Back Button LS060S2UD01 Datasheet HTML 8Page - Sharp Corporation LS060S2UD01 Datasheet HTML 9Page - Sharp Corporation LS060S2UD01 Datasheet HTML 10Page - Sharp Corporation LS060S2UD01 Datasheet HTML 11Page - Sharp Corporation LS060S2UD01 Datasheet HTML 12Page - Sharp Corporation LS060S2UD01 Datasheet HTML 13Page - Sharp Corporation LS060S2UD01 Datasheet HTML 14Page - Sharp Corporation LS060S2UD01 Datasheet HTML 15Page - Sharp Corporation LS060S2UD01 Datasheet HTML 16Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
LCP-1310002-10
10.
Explanation
of
Function
10.1.
Basic
Operation
This
IC
stores
image
data
input
from
HOST
in
internal
RAM
and
outputs
the
image
from
source
terminal
S
[160:1]
accordingly
to
source
output
configuration.
We
will
call
the
operation
of
HOST
inputting
image
data
to
this
IC
(writing
into
internal
RAM)
“RAM
Write”,
and
host
reading
image
data
from
internal
RAM
“RAM
Read”,
and
outputting
image
data
from
this
IC
to
the
panel
“Panel
Transfer”.
Timing
of
each
of
these
operations
is
accordingly
to
command
from
the
HOST
(Detail
is
in
latter
page.).
Primarily,
image
data
input
only
is
transferred
to
the
panel.
Aside
from
image
data
transmitting,
registers
can
be
set
up
to
control
each
function.
By
reading
the
register,
condition
of
inside
the
IC
can
be
checked.
Data
bus
width
can
be
set
either
16bit
or
8bit
by
setting
up
BUSSEL
terminal.
16bitbus
transmits
image
data
with
terminal
D
[15:0]
to
and
from
HOST.
For
command
receiving
from
HOST
and
register
access,
use
terminal
D
[7:0].
8bitbus
uses
terminal
D
[7:0]
for
image
data
transmitting,
receiving
command
from
HOST
and
register
access.
RAM
Write
There
are
two
kinds
of
RAM
Write:
RAM
Write
Operation
Command
All
screen
RAM
Write
Inputs
data
of
once
screen
panel
size
set
in
register
(PSIZEX
and
PSIZEY)
LDIMG
Partial
RAM
Write
Inputs
image
data
equal
partial
area
set
up
in
register
(PTLAREA).
LDIMGPTL
RAM
Read
There
are
two
kinds
of
RAM
Read:
RAM
Read
Operation
Command
All
screen
RAM
Read
Reads
data
of
once
screen
panel
size
set
in
register
(PSIZEX
and
PSIZEY)
RDIMG
Partial
RAM
Read
Reads
image
data
equal
partial
area
set
up
in
register
(PTLAREA).
RDIMGPTL
Panel
Transfer
There
are
two
kinds
of
Panel
Transfer:
Panel
Transfer
Operation
Command
All
screen
Panel
Transfer
Transfers
data
of
once
screen
panel
size
set
in
register
(PSIZEX
and
PSIZEY)
to
the
panel
DISP
Partial
Panel
Transfer
Transfers
image
data
equal
partial
area
set
up
in
register
(PTLAREA)
to
the
panel
DISPPTL
10.2.
Command
Transfer
Data
control
from
HOST
uses
two
way
data
bus
(D[15:0].
The
control
signals
are
CSB,
WR,
RD
and
RS.
Control
Signal
Function
CSB
Chip
Select
When
L,
this
input
interface
is
active
When
H,
inactive
WR
Write
enable
Reads
data
D
by
WR
rise
RD
Read
enable
Reads
data
D
by
RD
fall.
At
the
time
of
write
operation,
it
should
be
fixed
at
H.
RS
Recognition
of
input
data
D
When
WR
rises
and
RS=L,
recognizes
D{7:0}
as
command.
When
WR
rises
and
RS=H,
recognizes
D[15:0]
as
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com