Electronic Components Datasheet Search
  English  ▼

X  

MS6337 Datasheet(PDF) 11 Page - MOSA ELECTRONICS

Part # MS6337
Description  16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6337 Datasheet(HTML) 11 Page - MOSA ELECTRONICS

Back Button MS6337_1 Datasheet HTML 7Page - MOSA ELECTRONICS MS6337_1 Datasheet HTML 8Page - MOSA ELECTRONICS MS6337_1 Datasheet HTML 9Page - MOSA ELECTRONICS MS6337_1 Datasheet HTML 10Page - MOSA ELECTRONICS MS6337_1 Datasheet HTML 11Page - MOSA ELECTRONICS MS6337_1 Datasheet HTML 12Page - MOSA ELECTRONICS MS6337_1 Datasheet HTML 13Page - MOSA ELECTRONICS MS6337_1 Datasheet HTML 14Page - MOSA ELECTRONICS MS6337_1 Datasheet HTML 15Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MOSA
MS6337
16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier
Plus Stereo Headphone Function
REV 2
11/20
www.mosanalog.com
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
PSRR(5V) vs. frequency
PSRR(3.3V)vs. frequency
PSRR(2.7V)vs. frequency
CAP=10uF
CAP=10uF
CAP=10uF
CAP=1uF
CAP=1uF
CAP=1uF
VDD=5V
SE 32ohm
VRR=-20dBV
DAC SD
VDD=3.3V
SE 32ohm
VRR=-20dBV
DAC SD
VDD=2.7V
SE 32ohm
VRR=-20dBV
DAC SD
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
Quiescent current vs. supply voltage
Quiescent current vs. supply voltage
Quiescent current vs. supply voltage
SE, 32ohm
BTL, 8ohm
SE, 32ohm
BTL, 8ohm
No Loading
BTL
BTL
SE
BTL
SE
SE
DAC Shutdown
All Devices activate.
All Devices activate.
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
Mode vs. HP-IN votage
Mode vs. HP-IN votage
Mode vs. HP-IN votage
VDD=2.7V
VDD=5V
VDD=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com