Electronic Components Datasheet Search
  English  ▼

X  

MS6337 Datasheet(PDF) 6 Page - MOSA ELECTRONICS

Part # MS6337
Description  16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6337 Datasheet(HTML) 6 Page - MOSA ELECTRONICS

Back Button MS6337_1 Datasheet HTML 2Page - MOSA ELECTRONICS MS6337_1 Datasheet HTML 3Page - MOSA ELECTRONICS MS6337_1 Datasheet HTML 4Page - MOSA ELECTRONICS MS6337_1 Datasheet HTML 5Page - MOSA ELECTRONICS MS6337_1 Datasheet HTML 6Page - MOSA ELECTRONICS MS6337_1 Datasheet HTML 7Page - MOSA ELECTRONICS MS6337_1 Datasheet HTML 8Page - MOSA ELECTRONICS MS6337_1 Datasheet HTML 9Page - MOSA ELECTRONICS MS6337_1 Datasheet HTML 10Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MOSA
MS6337
16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier
Plus Stereo Headphone Function
REV 2
6/20
www.mosanalog.com
3.3V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=3.3V, VSS=0V, f=1kHz, RF=24KΩ[refer to Fig, 4] ; Unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
DC Characteristics
VCAP
Voltage at CAP
1.55
1.65
1.75
V
VDC
Output DC level
1.55
1.65
1.75
V
VFS
Full scale output voltage
VFS=0.015775* RF *VDD
VFS-10%
VFS
VFS+10%
V
Audio code 0000H, BTL
5.4
6.6
9.9
mA
IQ
Quiescent current
Audio code 0000H, SE
3.8
4.8
5.8
mA
ISD
Shutdown current
All devices shutdown
7.3
11.2
16.5
uA
SE Mode
2.3
-
-
VHP
Headphone hysteresis point
BTL Mode
-
-
1.9
V
AC Characteristics
-63
-58
dB
THD+N
Total harmonic distortion plus
noise
SE mode, RL=32Ω, VFS
0.07
0.126
%
BTL Mode, RL = 4Ω
THD+N = 1%
-
0.72
-
W
BTL Mode, RL = 8Ω
THD+N = 1%
-
0.52
-
W
SE Mode, RL =8Ω
THD+N = 1%
-
125m
-
W
Po
Output power
SE Mode, RL = 32Ω
THD+N = 1%
-
43m
-
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com