Electronic Components Datasheet Search
  English  ▼

X  

MS6337 Datasheet(PDF) 17 Page - MOSA ELECTRONICS

Part # MS6337
Description  16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6337 Datasheet(HTML) 17 Page - MOSA ELECTRONICS

Back Button MS6337_1 Datasheet HTML 12Page - MOSA ELECTRONICS MS6337_1 Datasheet HTML 13Page - MOSA ELECTRONICS MS6337_1 Datasheet HTML 14Page - MOSA ELECTRONICS MS6337_1 Datasheet HTML 15Page - MOSA ELECTRONICS MS6337_1 Datasheet HTML 16Page - MOSA ELECTRONICS MS6337_1 Datasheet HTML 17Page - MOSA ELECTRONICS MS6337_1 Datasheet HTML 18Page - MOSA ELECTRONICS MS6337_1 Datasheet HTML 19Page - MOSA ELECTRONICS MS6337_1 Datasheet HTML 20Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
MOSA
MS6337
16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier
Plus Stereo Headphone Function
REV 2
17/20
www.mosanalog.com
QFN24 (4x4mm)
Dimension in mm
Dimension in inch
Symbol
Min
Nom
Max
Min
Nom
Max
A
0.70
0.75
0.80
0.02756
0.02953
0.03150
A1
0
0.02
0.05
0
0.00079
0.00197
A3
0.203REF
0.008REF
b
0.18
0.25
0.30
0.00709
0.00984
0.01181
D
3.90
4.00
4.10
0.1535
0.1575
0.161.4
D1
1.90
2.00
2.10
0.0748
0.0787
0.0827
E
3.90
4.00
4.10
0.1535
0.1575
0.1614
E1
1.90
2.00
2.10
0.0748
0.0787
0.0827
e
0.50BSC
0.01969BSC
L
0.30
0.40
0.50
0.0118
0.0157
0.0197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com