Electronic Components Datasheet Search
  English  ▼

X  

PC904 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC904
Description  Built-in Voltage Detection Circuit Type Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC904 Datasheet(HTML) 1 Page - Sharp Corporation

  PC904 Datasheet HTML 1Page - Sharp Corporation PC904 Datasheet HTML 2Page - Sharp Corporation PC904 Datasheet HTML 3Page - Sharp Corporation PC904 Datasheet HTML 4Page - Sharp Corporation PC904 Datasheet HTML 5Page - Sharp Corporation PC904 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PC904
PC904
Symbol
Rating
Unit
IA
50
mA
V A
30
V
I REF
10
mA
P
250
mW
V CEO
35
V
V ECO
6V
IC
50
mA
P C
150
mW
P tot
350
mW
V iso
T opr
- 25 to + 85
˚C
T stg
- 40 to + 125
˚C
T sol
260
˚C
s Features
1. Built-in voltage detection circuit
2. High isolation voltage between input and
3. Standard 8-pin dual-in-line package
s Applications
*2 For 10 seconds
( Ta = 25˚C)
s Absolute Maximum Ratings
( Unit : mm)
connection diagram
Internal
θ
θ
PC904
output ( Viso
Parameter
Input
Anode current
Anode voltage
Reference input current
Power dissipation
Output
Collector-emitter voltage
Emitter-collector voltage
Collector current
Collector power dissipation
Total power dissipation
*1Isolation voltage
Operating temperature
Storage temperature
*2Soldering temperature
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
4. Recognizerd by UL, file No. E64380
1. Switching power supplies
12
3
4
87
6
5
1
2
34
5
6
7
8
1 Anode
2 Cathode
3 GND
4 Reference
5 NC
6 Emitter
7 Collector
8 NC
Built-in Voltage Detection
Circuit Type Photocoupler
s Outline Dimensions
Primary side mark
5 000
*1 40 to 60%RH AC for 1 minute
g Lead forming type ( I type ) and taping reel type ( P type ) are also available. ( PC904I/PC904P )
: 5 000V rms )
V rms
θ = 0˚ to 13 ˚
1.2 ± 0.3
0.85 ± 0.3
0.8 ± 0.2
7.62 ± 0.3
0.26 ± 0.1
2.54 ±0.25
0.5 ± 0.1


Similar Part No. - PC904

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PC904N LSTD-PC904N Datasheet
415Kb / 1P
All-welded unit construction
PC904N LSTD-PC904N Datasheet
415Kb / 1P
No adjustments ever needed
More results

Similar Description - PC904

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC905 SHARP-PC905 Datasheet
84Kb / 6P
Long Creepage Distance Photocoupler with Built-in Voltage Detection Circuit
PC906 SHARP-PC906 Datasheet
83Kb / 7P
DC Input Type OPIC Photocoupler with Built-in ON/OFF Delay Circuit
logo
List of Unclassifed Man...
MN1871675 ETC1-MN1871675 Datasheet
33Kb / 2P
REMOTE CONTROL DATA DETECTION CIRCUIT BUILT-IN
logo
Sangdest Microelectroni...
SSR1680 SMC-SSR1680 Datasheet
238Kb / 11P
Built-In Detection Voltage Hysteresis
logo
TOKYO SEIMITSU CO., LTD
AT50316-05C-021 ACCRETECH-AT50316-05C-021 Datasheet
332Kb / 4P
Built-In Type ATC Run-Out Detection System
logo
Shenzhen Huazhimei Semi...
HM5521 HMSEMI-HM5521 Datasheet
1Mb / 9P
Built-in high-precision voltage detection circuit
HM5428A HMSEMI-HM5428A Datasheet
573Kb / 7P
Built-in high-precision voltage detection circuit built-in MOSFET
HM5518A HMSEMI-HM5518A Datasheet
2Mb / 9P
Built-in high-precision voltage detection circuit built-in MOSFET
HM5520A HMSEMI-HM5520A Datasheet
1Mb / 9P
Built-in high-precision voltage detection circuit and built-in MOSFET
HM5421 HMSEMI-HM5421 Datasheet
380Kb / 7P
built-in high-precision voltage detection circuit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com