Electronic Components Datasheet Search
  English  ▼

X  

PC904 Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC904
Description  Built-in Voltage Detection Circuit Type Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC904 Datasheet(HTML) 6 Page - Sharp Corporation

  PC904 Datasheet HTML 1Page - Sharp Corporation PC904 Datasheet HTML 2Page - Sharp Corporation PC904 Datasheet HTML 3Page - Sharp Corporation PC904 Datasheet HTML 4Page - Sharp Corporation PC904 Datasheet HTML 5Page - Sharp Corporation PC904 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PC904
-50
0.1
-40
-30
-20
-10
0
10
1
10
100
100
Ω
1k
Ω
0
10
20
30
40
50
10
Load capacitance C L ( µ F)
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
- 25
0
25
50
75
100
Ambient temperature T a (˚C)
0
50
110
50
300
20
2
100
150
200
250
5
Anode Current
Anode Current IA ( mA )
Fig.21 Current Transfer Ratio vs.
s Precautions for Use
10
µF
620
Ω
10k
Ω
10
f
k
Ω
Test Circuit for Voltage Gain (2) vs.
Frequency
Vin
Vo
RL
IA
150
Ω
150
Ω
Test Circuit for Anode Current vs.
Load Capacitance
CL
CL
Handle this product the same as with other integrated circuits against static electricity.
IA = 2mA
IC = 1.7mA
T a = 25˚C
RL = 10k Ω
10 -3
10 -2
10 -1
Fig.20 Collector-emitter Saturation Voltage
vs. Ambient Temperature
V K =VREF
IC = 1mA
IA = 10mA
VK =VREF
VCE =5V
T a = 25˚C
Fig.18-b Voltage Gain (2) vs. Frequency
Frequency f ( kHz)
Oscilating
Stable area
D
Stable area
C
A
B
B
A
area
A••• VK =VREF
B••• VA =5V
( at I A = 10mA)
C••• VA = 10V
( at I A = 10mA)
D••• VA = 15V
( at I A = 10mA)
T a = 25˚C
Test circuit
( B, C, D )
Test circuit
(A)
1 000
As for other general cautions, refer to the chapter “ Precautions for Use ”
Fig.19 Anode Current vs. Load Capacitance
1
q



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com