Electronic Components Datasheet Search
  English  ▼

X  

PC904 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC904
Description  Built-in Voltage Detection Circuit Type Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC904 Datasheet(HTML) 5 Page - Sharp Corporation

  PC904 Datasheet HTML 1Page - Sharp Corporation PC904 Datasheet HTML 2Page - Sharp Corporation PC904 Datasheet HTML 3Page - Sharp Corporation PC904 Datasheet HTML 4Page - Sharp Corporation PC904 Datasheet HTML 5Page - Sharp Corporation PC904 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PC904
0
- 30
100
0
20406080
5
10
Ambient Temperature
Ambient temperature T a (˚C)
Fig.14 OFF-state Anode Current vs.
- 30
100
0
20406080
2.40
2.50
2.60
2.495V
2.40V
Ambient Temperature
Ambient temperature T a (˚C)
Fig.15 Reference Voltage vs.
VREF = 2.60V
0
- 25
100
1
2
3
0
255075
Ambient Temperature
Ambient temperature T a (˚C)
Fig.16 Reference Input Current vs.
IA = 10mA
-30
0
-20
-10
0
5
101520253035
Anode Voltage
Anode voltage V A (V)
Fig.17 Reference Voltage Change vs.
-20
0.1
0
20
40
60
80
100
1
10
100
10
µ F
620
Ω
10k
Ω
10k
Ω
f
Test Circuit for Voltage Gain (1) vs.
Frequency
Vin
Vo
Vin
AV1
Vo
VA = 30V
VREF = GND
IA = 10mA
IA= 10mA
T a= 25˚C
IF = 2mA
T a = 25˚C
VK =V REF
Frequency f ( kHz)
Fig.18-a Voltage Gain (1) vs. Frequency
= 20 log
1 000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com