Electronic Components Datasheet Search
  English  ▼

X  

MS6853 Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6853
Description  Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Shutdown Function
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6853 Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6853 Datasheet HTML 1Page - MOSA ELECTRONICS MS6853 Datasheet HTML 2Page - MOSA ELECTRONICS MS6853 Datasheet HTML 3Page - MOSA ELECTRONICS MS6853 Datasheet HTML 4Page - MOSA ELECTRONICS MS6853 Datasheet HTML 5Page - MOSA ELECTRONICS MS6853 Datasheet HTML 6Page - MOSA ELECTRONICS MS6853 Datasheet HTML 7Page - MOSA ELECTRONICS MS6853 Datasheet HTML 8Page - MOSA ELECTRONICS MS6853 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MOSA
MS6853
Mono 1.9W / Stereo 300mW Power Amplifier
REV 6
2/14
www.mosanalog.com
PIN CONFIGURATION
Symbol
MSOP10
Pin
TSSOP14
Pin
Description
L-IN
1
2
Left channel input
SHUTDOWN
2
3
SHUTDOWN places the entire device in shutdown mode when held high.
TTL compatible input.
HP-IN
3
4
Headphone input detection.
A logical low sets BTL mode, a logical high sets SE mode.
GND
4
5
Ground
R-IN
5
6
Right channel input
R-OUT
6
9
Right channel output
BY PASS
7
10
BYPASS is the cap to the voltage divider for internal mid-supply bias.
This terminal should be connected to a 0.1-μF to 10-μF capacitor CBP.
BTL OUT+
8
11
Bridged-tied load positive output
VDD
9
12
Supply voltage
L-OUT/BTL
OUT-
10
13
Left channel output or bridged-tied load negative output
nc
-
1,7,8,14
No connected
MSOP10
L-OUT / BTL OUT-
6
7
8
9
10
2
3
4
1
L-IN
SHUTDOWN
HP-IN
GND
5
R-IN
V
DD
BTL OUT +
BYPASS
R-OUT
Thermal
Pad
MS6853
TSSOP14
L-OUT / BTL OUT-
10
11
12
13
14
2
3
4
1
L-IN
SHUTDOWN
HP-IN
GND 5
R-IN
V
DD
BTL OUT +
BYPASS
R-OUT
9
6
8
7
nc
nc
nc
nc
MS6853
ORDERING INFORMATION
Package
Part number
Packaging Marking
Transport Media
10-Pin MSOP (lead free)
MS6853MGTR
6853G
3.5k Units Tape and Reel
10-Pin MSOP (lead free)
MS6853MGU
6853G
80 Units Tube
14Pin TSSOP (lead free)
MS6853TGTR
MS6853G
2.5Units Tape and Reel
14Pin TSSOP (lead free)
MS6853TGU
MS6853G
98Units Tube
RoHS Compliance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com