Electronic Components Datasheet Search
  English  ▼

X  

MS6853 Datasheet(PDF) 3 Page - MOSA ELECTRONICS

Part # MS6853
Description  Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Shutdown Function
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6853 Datasheet(HTML) 3 Page - MOSA ELECTRONICS

  MS6853 Datasheet HTML 1Page - MOSA ELECTRONICS MS6853 Datasheet HTML 2Page - MOSA ELECTRONICS MS6853 Datasheet HTML 3Page - MOSA ELECTRONICS MS6853 Datasheet HTML 4Page - MOSA ELECTRONICS MS6853 Datasheet HTML 5Page - MOSA ELECTRONICS MS6853 Datasheet HTML 6Page - MOSA ELECTRONICS MS6853 Datasheet HTML 7Page - MOSA ELECTRONICS MS6853 Datasheet HTML 8Page - MOSA ELECTRONICS MS6853 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MOSA
MS6853
Mono 1.9W / Stereo 300mW Power Amplifier
REV 6
3/14
www.mosanalog.com
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Supply voltage
6.5
V
VESD
Electrostatic handling
-3000 to 3000
V
TSTG
Storage temperature range
-65 to 150
℃
TA
Operating ambient temperature range
-40 to 85
℃
TJ
Maximum junction temperature
150
℃
TS
Soldering temperature, 10 seconds
260
℃
RTHJA
Thermal resistance from junction to ambient in free air
MSOP10 (enhance thermal pad)
TSSOP14
50
150
℃
/W
OPERATING RATINGS
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply voltage
2.4
5
6.5
V
5V ELECTRICAL CHARACTERISTICS
Ta = 25°C, VDD=5V, f=1kHz, BW<30kHz, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
BTL Mode, VIN=0V, IO=0A
-
2.4
-
mA
IQ
Quiescent current
SE Mode, VIN=0V, IO=0A
-
2.4
-
mA
ISD
Shutdown current
SD Mode, VSD=VDD
18
uA
VSDH
Shutdown input voltage high
2.0
-
-
V
VSDL
Shutdown input voltage low
-
-
0.8
V
VHPINH
HP-IN input voltage high
-
0.75VDD
-
V
VHPINL
HP-IN input voltage low
Hysteresis voltage
-
0.65VDD
-
V
CS
Channel separation
SE Mode, RL=32Ω
100
110
-
dB
BTL Mode , RL=8Ω
CBP=1uF, f=100Hz
-
73
-
dB
PSRR
Power supply rejection ratio
SE Mode , RL=32Ω
CBP =10uF, f=100Hz
-
64
-
dB
-
-73
-68
dB
THD+N
Total harmonic distortion plus
noise
SE mode, RL=32Ω, 60mW
-
0.022
0.04
%
S/N
Signal-to-noise ratio
SE mode, A-weighting
90
95
-
dB
BTL Mode, RL = 3Ω
THD+N = 1%
-
2.1
-
W
BTL Mode, RL = 4Ω
THD+N = 1%
-
1.9
-
W
BTL Mode, RL = 8Ω
THD+N = 1%
-
1.2
-
W
SE Mode, RL =8Ω
THD+N = 1%
-
300m
-
W
Po
Output power
SE Mode, RL = 32Ω
THD+N = 1%
-
90m
-
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com