Electronic Components Datasheet Search
  English  ▼

X  

MS6853 Datasheet(PDF) 9 Page - MOSA ELECTRONICS

Part # MS6853
Description  Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Shutdown Function
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6853 Datasheet(HTML) 9 Page - MOSA ELECTRONICS

Back Button MS6853 Datasheet HTML 5Page - MOSA ELECTRONICS MS6853 Datasheet HTML 6Page - MOSA ELECTRONICS MS6853 Datasheet HTML 7Page - MOSA ELECTRONICS MS6853 Datasheet HTML 8Page - MOSA ELECTRONICS MS6853 Datasheet HTML 9Page - MOSA ELECTRONICS MS6853 Datasheet HTML 10Page - MOSA ELECTRONICS MS6853 Datasheet HTML 11Page - MOSA ELECTRONICS MS6853 Datasheet HTML 12Page - MOSA ELECTRONICS MS6853 Datasheet HTML 13Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MOSA
MS6853
Mono 1.9W / Stereo 300mW Power Amplifier
REV 6
9/14
www.mosanalog.com
APPLICATION INFORMATION
Basic application example
L-IN
MS6853
SHUTDOWN
VDD
R-IN
BTL OUT+
HP-IN
GND
BYPASS
R-OUT
20k
L-OUT/BTL OUT-
1uF
1uF
20k
V
DD
20k
R
L
8Ω
100uF
1k
1uF
100uF
1k
1uF
Headphone Jack
20k
100k
V
DD
V
INR
V
INL
R
F
R
F
R
IN
R
IN
100k
V
DD
DC Gain = -RF / RIN = -1
Fig.1
A audio amplifier application circuit. (connected to R-OUT)
L-IN
MS6853
SHUTDOWN
VDD
R-IN
BTL OUT+
HP-IN
GND
BYPASS
R-OUT
20k
L-OUT/BTL OUT-
1uF
1uF
20k
V
DD
20k
R
L
8Ω
100uF
1k
1uF
100uF
1k
1uF
Headphone Jack
20k
100k
100k
V
DD
V
DD
V
INR
V
INL
R
F
R
F
R
IN
R
IN
100k
V
DD
100k
0.1uF
DC Gain = -RF / RIN = -1
Fig.2
A audio amplifier application circuit. (connected to L-OUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com