Electronic Components Datasheet Search
  English  ▼

X  

DS5000 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS5000
Description  Soft Microcontroller Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5000 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS5000 Datasheet HTML 3Page - Dallas Semiconductor DS5000 Datasheet HTML 4Page - Dallas Semiconductor DS5000 Datasheet HTML 5Page - Dallas Semiconductor DS5000 Datasheet HTML 6Page - Dallas Semiconductor DS5000 Datasheet HTML 7Page - Dallas Semiconductor DS5000 Datasheet HTML 8Page - Dallas Semiconductor DS5000 Datasheet HTML 9Page - Dallas Semiconductor DS5000 Datasheet HTML 10Page - Dallas Semiconductor DS5000 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DS5000(T)
7 of 19
COMMAND
FUNCTION
C
Return CRC-16 checksum of embedded RAM
D
Dump Intel hex file
F
Fill embedded RAM block with constant
K
Load 40-bit encryption key
L
Load Intel hex file
R
Read MCON register
T
Trace (echo) incoming Intel hex data
U
Clear security lock
V
Verify embedded RAM with incoming Intel hex
W
Write MCON register
Z
Set security lock
P
Put a value to a port
G
Get a value from a port
PARALLEL PROGRAM LOAD CYCLES Table 1
MODE
RST
PSEN
PROG
EA
P2.7
P2.6
P2.5
Program
1
0
0
VPP
1
0
X
Security Set
1
0
0
VPP
1
1
X
Verify
1
X
X
1
0
0
X
Prog Expanded
1
0
0
VPP
0
1
0
Verify Expanded
1
0
1
1
0
1
0
Prog MCON or Key registers
1
0
0
VPP
0
1
1
Verify MCON registers
1
0
1
1
0
1
1
The Parallel Program Cycle is used to load a byte of data into a register or memory location within the
DS5000(T). The Verify Cycle is used to read this byte back for comparison with the originally loaded
value to verify proper loading. The Security Set Cycle may be used to enable and the Software Security
feature of the DS5000(T). One may also enter bytes for the MCON register or for the five encryption
registers using the Program MCON cycle. When using this cycle, the absolute register address must be
presented at Ports 1 and 2 as in the normal program cycle (Port 2 should be 00H). The MCON contents
can likewise be verified using the Verify MCON cycle.
When the DS5000(T) first detects a Parallel Program Strobe pulse or a Security Set Strobe pulse while in
the Program Load Mode following a Power-On Reset, the internal hardware of the DS5000(T) is
initialized so that an existing 4-kbyte program can be programmed into a DS5000(T) with little or no
modification. This initialization automatically sets the Range Address for 8 kbytes and maps the lowest 4-
kbyte bank of Embedded RAM as program memory. The next 4 kbytes of Embedded RAM are mapped
as Data Memory.
In order to program more than 4 kbytes of program code, the Program/Verify Expanded cycles can be
used. Up to 32 kbytes of program code can be entered and verified. Note that the expanded 32-kbyte
Program/ Verify cycles take much longer than the normal 4-kbyte Program/Verify cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com