Electronic Components Datasheet Search
  English  ▼

X  

DS5000 Datasheet(PDF) 15 Page - Dallas Semiconductor

Part # DS5000
Description  Soft Microcontroller Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5000 Datasheet(HTML) 15 Page - Dallas Semiconductor

Back Button DS5000 Datasheet HTML 11Page - Dallas Semiconductor DS5000 Datasheet HTML 12Page - Dallas Semiconductor DS5000 Datasheet HTML 13Page - Dallas Semiconductor DS5000 Datasheet HTML 14Page - Dallas Semiconductor DS5000 Datasheet HTML 15Page - Dallas Semiconductor DS5000 Datasheet HTML 16Page - Dallas Semiconductor DS5000 Datasheet HTML 17Page - Dallas Semiconductor DS5000 Datasheet HTML 18Page - Dallas Semiconductor DS5000 Datasheet HTML 19Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
DS5000(T)
15 of 19
AC CHARACTERISTICS (cont'd)
PARALLEL PROGRAM LOAD TIMING
(tA=0°C to 70°C; VCC=5V ± 5%)
#
PARAMETER
SYMBOL
MIN
MAX
UNITS
40 Oscillator Frequency
1/tCLK
1.0
12.0
MHz
41 Address Setup to PROG Low
tAVPRL
0
42 Address Hold after PROG High
tPRHAV
0
43 Data Setup to PROG Low
tDVPRL
0
44 Data Hold after PROG High
tPRHDV
0
45 P2.7, 2.6, 2.5 Setup to VPP
tP27HVP
0
46 VPP Setup to PROG Low
tVPHPRL
0
47 VPP Hold after PROG Low
tPRHVPL
0
48
PROG
Width Low
tPRW
2400
tCLK
49 Data Output from Address Valid
tAVDV
48
1800*
tCLK
50 Data Output from P2.7 Low
tDVP27L
48
1800*
tCLK
51 Data Float after P2.7 High
tP27HDZ
0
48
1800*
tCLK
52 Delay to Reset/ PSEN Active after Power On
tPORPV
21504
tCLK
53 Reset/ PSEN Active (or Verify Inactive) to
VPP High
tRAVPH
1200
tCLK
54 VPP Inactive (Between Program Cycles)
tVPPPC
1200
tCLK
55 Verify Active Time
tVFT
48
2400*
tCLK
* Second set of numbers refers to expanded memory programming up to 32k bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com