Electronic Components Datasheet Search
  English  ▼

X  

DS5000 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS5000
Description  Soft Microcontroller Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5000 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS5000 Datasheet HTML 4Page - Dallas Semiconductor DS5000 Datasheet HTML 5Page - Dallas Semiconductor DS5000 Datasheet HTML 6Page - Dallas Semiconductor DS5000 Datasheet HTML 7Page - Dallas Semiconductor DS5000 Datasheet HTML 8Page - Dallas Semiconductor DS5000 Datasheet HTML 9Page - Dallas Semiconductor DS5000 Datasheet HTML 10Page - Dallas Semiconductor DS5000 Datasheet HTML 11Page - Dallas Semiconductor DS5000 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
DS5000(T)
8 of 19
A typical parallel loading session would follow this procedure. First, set the contents of the MCON
register with the correct range and partition only if using expanded programming cycles. Next, the
encryption registers can be loaded to enable encryption of the program/data memory (not required). Then,
program the DS5000(T) using either normal or expanded program cycles and check the memory contents
using Verify cycles. The last operation would be to turn on the security lock feature by either a Security
Set cycle or by explicitly writing to the MCON register and setting MCON.0 to a 1.
SERIAL LOADER BAUD RATES FOR
DIFFERENT CRYSTAL FREQUENCIES Table 2
BAUD RATE
CRYSTAL FREQ
(MHz)
300
1200
2400
9600
19200
57600
14.7456
Y
Y
Y
Y
11.0592
Y
Y
Y
Y
Y
Y
9.21600
Y
Y
Y
Y
7.37280
Y
Y
Y
Y
5.52960
Y
Y
Y
Y
1.84320
Y
Y
Y
Y
ADDITIONAL INFORMATION
Refer to the Secure Microcontroller User’s Guide for a complete description for all operational aspects of
the DS5000(T).
DEVELOPMENT SUPPORT
The DS89C450-K00 evaluation kit (www.maxim-ic.com/DS89C450evkit) can be used to develop and
test user code. It allows the user to download Intel hex-formatted code to the DS5000(T) from a PC.
Refer to the Secure Microcontroller User’s Guide for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com