Electronic Components Datasheet Search
  English  ▼

X  

MAX2839AS Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX2839AS
Description  2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2839AS Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX2839AS Datasheet HTML 9Page - Maxim Integrated Products MAX2839AS Datasheet HTML 10Page - Maxim Integrated Products MAX2839AS Datasheet HTML 11Page - Maxim Integrated Products MAX2839AS Datasheet HTML 12Page - Maxim Integrated Products MAX2839AS Datasheet HTML 13Page - Maxim Integrated Products MAX2839AS Datasheet HTML 14Page - Maxim Integrated Products MAX2839AS Datasheet HTML 15Page - Maxim Integrated Products MAX2839AS Datasheet HTML 16Page - Maxim Integrated Products MAX2839AS Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
2.3GHz to 2.7GHz MIMO Wireless
Broadband RF Transceiver
______________________________________________________________________________________
13
Rx LPF GROUP DELAY
vs. FREQUENCY
FREQUENCY (MHz)
02468
10
12
14
16
0
50
100
150
200
250
300
350
CHANNEL BW = 5MHz
CHANNEL BW = 8MHz
CHANNEL BW = 9MHz
CHANNEL BW = 10MHz
Rx DC OFFSET SETTLING RESPONSE
(+8dB BB VGA GAIN STEP)
MAX2839ASWO+T toc20
10
µs/div
2V/div
0V
0V
5mV/div
VGA GAIN
CONTROL
Rx DC OFFSET SETTLING RESPONSE
(-8dB BB VGA GAIN STEP)
MAX2839ASWO+T toc21
10
µs/div
2V/div
0V
0V
5mV/div
VGA GAIN
CONTROL
Rx DC OFFSET SETTLING RESPONSE
(-16dB BB VGA GAIN STEP)
MAX2839ASWO+T toc22
10
µs/div
2V/div
0V
0V
5mV/div
VGA GAIN
CONTROL
Rx DC OFFSET SETTLING RESPONSE
(-32dB BB VGA GAIN STEP)
MAX2839ASWO+T toc23
10
µs/div
2V/div
0V
0V
5mV/div
VGA GAIN
CONTROL
Rx BB VGA SETTLING RESPONSE
(+8dB BB VGA GAIN STEP)
MAX2839ASWO+T toc24
200ns/div
2V/div
0V
1V/div
VGA GAIN CONTROL
Rx BB VGA SETTLING RESPONSE
(-8dB BB VGA GAIN STEP)
MAX2839ASWO+T toc25
200ns/div
2V/div
0V
1V/div
VGA GAIN CONTROL
Rx BB VGA SETTLING RESPONSE
(-16dB BB VGA GAIN STEP)
MAX2839ASWO+T toc26
200ns/div
2V/div
0V
1V/div
VGA GAIN CONTROL
Rx BB VGA SETTLING RESPONSE
(-32dB BB VGA GAIN STEP)
MAX2839ASWO+T toc27
200ns/div
2V/div
0V
1V/div
VGA GAIN CONTROL
Typical Operating Characteristics (continued)
(VCC_ = 2.8V, TA = +25°C, fLO = 2.5GHz, fREF = 40MHz, CS = high, RXHP = SCLK = DIN = low, RF BW = 10MHz, Tx output at 50Ω
unbalanced output of balun, using the MAX2839AS Evaluation Kit.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com