Electronic Components Datasheet Search
  English  ▼

X  

MAX2839AS Datasheet(PDF) 34 Page - Maxim Integrated Products

Part # MAX2839AS
Description  2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2839AS Datasheet(HTML) 34 Page - Maxim Integrated Products

Back Button MAX2839AS Datasheet HTML 30Page - Maxim Integrated Products MAX2839AS Datasheet HTML 31Page - Maxim Integrated Products MAX2839AS Datasheet HTML 32Page - Maxim Integrated Products MAX2839AS Datasheet HTML 33Page - Maxim Integrated Products MAX2839AS Datasheet HTML 34Page - Maxim Integrated Products MAX2839AS Datasheet HTML 35Page - Maxim Integrated Products MAX2839AS Datasheet HTML 36Page - Maxim Integrated Products MAX2839AS Datasheet HTML 37Page - Maxim Integrated Products MAX2839AS Datasheet HTML 38Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
2.3GHz to 2.7GHz MIMO Wireless
Broadband RF Transceiver
34
______________________________________________________________________________________
Table 26. Register 23: LO_ MISC_CONFIG Register (Address = 10111, Default = 24FHEX)
BIT NAME
BIT LOCATION
(0 = LSB)
DESCRIPTION
RESERVED
9:5
Reserved bits—set to default
VAS_SPI<4:0>
4:0
VCO autoselect (VAS) sub-band SPI overwrite.
Active when register 22 D0 = 0.
00000 = Minimum frequency - sub-band 0
00001 = Sub-band 1
………
01111 = Sub-band 15 (default)
………
11110 = Sub band 30
11111 = Maximum frequency - sub-band 31
Table 27. Register 24: XTAL_CONFIG Register (Address = 11000, Default = 180HEX)
BIT NAME
BIT LOCATION
(0 = LSB)
DESCRIPTION
RESERVED
9:7
Reserved bits—set to default
XTAL<6:0>
6:0
Crystal oscillator frequency tuning.
0000000 = Minimum frequency tuning (default)
………….
1111111 = Maximum frequency tuning
Table 28. Register 25: VCO_CONFIG Register (Address = 11001, Default = 000HEX)
BIT NAME
BIT LOCATION
(0 = LSB)
DESCRIPTION
RESERVED
9:0
Reserved bits—set to default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com