Electronic Components Datasheet Search
  English  ▼

X  

MAX2839AS Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2839AS
Description  2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2839AS Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2839AS Datasheet HTML 1Page - Maxim Integrated Products MAX2839AS Datasheet HTML 2Page - Maxim Integrated Products MAX2839AS Datasheet HTML 3Page - Maxim Integrated Products MAX2839AS Datasheet HTML 4Page - Maxim Integrated Products MAX2839AS Datasheet HTML 5Page - Maxim Integrated Products MAX2839AS Datasheet HTML 6Page - Maxim Integrated Products MAX2839AS Datasheet HTML 7Page - Maxim Integrated Products MAX2839AS Datasheet HTML 8Page - Maxim Integrated Products MAX2839AS Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
2.3GHz to 2.7GHz MIMO Wireless
BroadbandRF Transceiver
_______________________________________________________________________________________
5
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
A[4:0] = 00100 serial bits D[9:6] = 0000
1.75
A[4:0] = 00100 serial bits D[9:6] = 0001
2.25
A[4:0] = 00100 serial bits D[9:6] = 0010
3.5
A[4:0] = 00100 serial bits D[9:6] = 0011
5.0
A[4:0] = 00100 serial bits D[9:6] = 0100
5.5
A[4:0] = 00100 serial bits D[9:6] = 0101
6.0
A[4:0] = 00100 serial bits D[9:6] = 0110
7.0
A[4:0] = 00100 serial bits D[9:6] = 0111
8.0
A[4:0] = 00100 serial bits D[9:6] = 1000
9.0
A[4:0] = 00100 serial bits D[9:6] = 1001
10.0
A[4:0] = 00100 serial bits D[9:6] = 1010
12.0
A[4:0] = 00100 serial bits D[9:6] = 1011
14.0
A[4:0] = 00100 serial bits D[9:6] = 1100
15.0
A[4:0] = 00100 serial bits D[9:6] = 1101
20.0
A[4:0] = 00100 serial bits D[9:6] = 1110
24.0
RF Channel BW Supported by
Baseband Filter
A[4:0] = 00100 serial bits D[9:6] = 1111
28.0
MHz
0 to 2.3MHz for RF BW = 5MHz
1.3
Baseband Gain Ripple
0 to 4.6MHz for RF BW = 10MHz
1.3
dBP-P
0 to 2.3MHz for RF BW = 5MHz
90
Baseband Group Delay Ripple
0 to 4.6MHz for RF BW = 10MHz
50
nsP-P
At 2.3MHz
1.8
Baseband Filter Rejection for
5MHz RF Channel BW
At > 8.75MHz
75
dB
At 4.6MHz
1.6
Baseband Filter Rejection for
10MHz RF Channel BW
At > 17.5MHz
75
dB
RSSI
RSSI Minimum Output Voltage
RLOAD
≥ 10kΩ
0.6
V
RSSI Maximum Output Voltage
RLOAD
≥ 10kΩ
2.1
V
RSSI Slope
29
mV/dB
+32dB signal step
200
RSSI Output Settling Time
To within 3dB of steady state
-32dB signal step
800
ns
AC ELECTRICAL CHARACTERISTICS—Rx MODE (continued)
(MAX2839AS Evaluation Kit. Unless otherwise noted, VCC_ = 2.8V, TA = +25°C, fRF = 2.4999GHz, fLO = 2.5GHz; baseband output
signal frequency = 100kHz, fREF = 40MHz, ENABLE = TXRX = CS = high, SCLK = DIN = low, with power matching for the differential
RF pins using the
Typical Operating Circuit and registers set to default settings. Lowpass filter is set to 10MHz RF channel BW.
Unmodulated single-tone RF input signal is used.) (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com