Electronic Components Datasheet Search
  English  ▼

X  

MAX6639F Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6639F
Description  Evaluation Kit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6639F Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6639F Datasheet HTML 1Page - Maxim Integrated Products MAX6639F Datasheet HTML 2Page - Maxim Integrated Products MAX6639F Datasheet HTML 3Page - Maxim Integrated Products MAX6639F Datasheet HTML 4Page - Maxim Integrated Products MAX6639F Datasheet HTML 5Page - Maxim Integrated Products MAX6639F Datasheet HTML 6Page - Maxim Integrated Products MAX6639F Datasheet HTML 7Page - Maxim Integrated Products MAX6639F Datasheet HTML 8Page - Maxim Integrated Products MAX6639F Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX6639 evaluation kit (EV kit) is an assembled and
tested PCB used to evaluate the MAX6639 dual tempera-
ture sensor/fan controller. The MAX6639 monitors its own
die temperature and the junction temperature of one
external diode-connected transistor, or the junction tem-
peratures of two external diode-connected transistors. It
converts the temperature to 8-bit or 11-bit 2-wire serial
data that can be accessed over a 2-wire serial bus.
The MAX6639 EV kit includes both external diode-connect-
ed transistors (2N3906) soldered to the board, which can
be bypassed to connect the board through a twisted pair
to remote diodes close to your system.
The temperature data is also used by the internal dual
PWM fan-speed controller to adjust the speed of up to
two cooling fans. Speed control is accomplished by
tachometer feedback from the fan.
The EV kit also includes Windows® 2000/XP- and
Windows Vista®-compatible software, which provides a
simple user interface for exercising the features of the
MAX6639. The program is menu-driven and offers a
graphical user interface (GUI) complete with control but-
tons. The EV kit comes with the MAX6639AEE+ installed.
Contact the factory for free samples of the pin-compatible
MAX6639FAEE+ and MAX6640AEE+.
The MAX6639 EV kit also evaluates the MAX6640. The
MAX6640 is not recommended for new designs.
Features
o Two Thermal-Diode Inputs
o Local Temperature Sensor
o Programmable Temperature Alarms
o Two PWM Outputs for Fan Drive
o Up to 25kHz PWM Output Frequency
o Programmable Fan-Control Characteristics
o 3-Wire and 4-Wire Fan Configurations
o On-Board Microcontroller to Generate
SMBus™/I2C Commands
o USB-PC Connection (Cable Included)
o Windows 2000/XP- and Windows Vista
(32-Bit)-Compatible Software
o Easy-to-Use, Menu-Driven Software
o Lead(Pb)-Free and RoHS Compliant
o Fully Assembled and Tested
MAX6639 Evaluation Kit
________________________________________________________________
Maxim Integrated Products
1
19-4448; Rev 0; 1/09
Component List
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
DESIGNATION
QTY
DESCRIPTION
C1, C12, C14
3
10µF ±10%, 16V X5R ceramic
capacitors (0805)
Murata GRM21BR61C106K
C2, C3
2
22pF ±5%, 50V C0G ceramic
capacitors (0603)
Murata GRM1885C1H220J
C4
1
0.033µF ±10%, 25V X7R ceramic
capacitor (0603)
TDK C1608X7R1E333K
C5–C10 , C17,
C18, C19
9
0.1µF ±10%, 16V X7R ceramic
capacitors (0603)
TDK C1608X7R1C104K
C11, C13, C22
3
1µF ±10%, 16V X5R ceramic
capacitors (0603)
TDK C1608X5R1C105K
C15, C16
2
10pF ±5%, 50V C0G ceramic
capacitors (0603)
Murata GRM1885C1H100J
DESIGNATION
QTY
DESCRIPTION
C20, C21
2
2200pF ±10%, 50V X7R ceramic
capacitors (0603)
Murata GRM188R71H222K
D1, D2, D3
3
Red LEDs (0603)
D4
1
Green LED (0603)
H1
0
Not installed, dual-row (2 x 5)
10-pin JTAG header
J1, J2
2
3-pin headers, 0.1in pitch, vertical,
friction lock
J3, J4
2
4-pin headers, 0.1in pitch, vertical,
friction lock
JU1–JU7
7
3-pin headers
JU8–JU13
0
Not installed, 2-pin headers—shorted
by PCB trace
L1
1
Ferrite bead (0603)
TDK MMZ1608R301A
PART
TYPE
MAX6639EVKIT+
EV Kit
+
Denotes lead(Pb)-free and RoHS compliant.
Windows and Windows Vista are registered trademarks of
Microsoft Corp.
SMBus is a trademark of Intel Corp.


Similar Part No. - MAX6639F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6639F MAXIM-MAX6639F Datasheet
203Kb / 22P
2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 2; 4/08
MAX6639FAEE MAXIM-MAX6639FAEE Datasheet
203Kb / 22P
2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 2; 4/08
MAX6639FAEE+ MAXIM-MAX6639FAEE+ Datasheet
260Kb / 22P
2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
2013
MAX6639FATE+ MAXIM-MAX6639FATE+ Datasheet
260Kb / 22P
2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
2013
More results

Similar Description - MAX6639F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com