Electronic Components Datasheet Search
  English  ▼

X  

MAX6639F Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6639F
Description  Evaluation Kit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6639F Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6639F Datasheet HTML 7Page - Maxim Integrated Products MAX6639F Datasheet HTML 8Page - Maxim Integrated Products MAX6639F Datasheet HTML 9Page - Maxim Integrated Products MAX6639F Datasheet HTML 10Page - Maxim Integrated Products MAX6639F Datasheet HTML 11Page - Maxim Integrated Products MAX6639F Datasheet HTML 12Page - Maxim Integrated Products MAX6639F Datasheet HTML 13Page - Maxim Integrated Products MAX6639F Datasheet HTML 14Page - Maxim Integrated Products MAX6639F Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MAX6639 Evaluation Kit
______________________________________________________________________________________
11
Change the count by entering the value into the
Tachometer count edit box and pressing the Write
button.
Fan 1 and Fan 2 Pulses per Revolution
and Min Tach Count
The fan 1 Pulses per Revolution and Min Tach Count
(0x24) and fan 2 Pulses per Revolution and Min Tach
Count (0x25) group boxes set the number of tachome-
ter pulses per revolution of the fan and the minimum
allowable tachometer count (maximum speed) for the
fan (Figure 5). The Pulses per Revolution and Min
Tach Count (0x25) group box is not shown, but can be
accessed by navigating to the Fan 2 tab sheet from
Figure 5.
The Tach. Pulses per Rev. drop-down list setting has
four options: 1, 2, 3, or 4.
The Min tachometer count edit box can be set to any
value between 0 and 63. Read the pulses per revolu-
tion and minimum tachometer count by pressing the
Read button. Change the pulses per revolution by
selecting the desired number from the drop-down list.
Change the minimum tachometer count by entering the
value into the edit box. Press the Write button to apply
the changes.
Fan 1 and Fan 2 Duty Cycle
The Duty Cycle tab sheet (Figure 6) contains the PWM
duty cycle value. When operating in RPM mode, this
value is controlled by the MAX6639. In PWM mode, this
is the desired (target) PWM duty-cycle value. The value
can be set between 0 and 120. Any number above 120
is changed to 120.
Read the duty-cycle value by pressing the Read but-
ton. Change the duty cycle by entering the value into
the edit box and pressing the Write button.
Alert
The message ALERT appears in the alert box when an
interrupt condition occurs, unless the configuration reg-
ister is set to mask the alert. The cause of the interrupt
is shown in the Status (0x02) group box. To clear the
interrupt, first eliminate the condition that caused it and
then press the Read Alert button.
Figure 6. MAX6639 EV Kit Software Main Window (Fan Controls | Fan 1 | Duty Cycle Tab)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com