Electronic Components Datasheet Search
  English  ▼

X  

MAX6639F Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6639F
Description  Evaluation Kit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6639F Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6639F Datasheet HTML 1Page - Maxim Integrated Products MAX6639F Datasheet HTML 2Page - Maxim Integrated Products MAX6639F Datasheet HTML 3Page - Maxim Integrated Products MAX6639F Datasheet HTML 4Page - Maxim Integrated Products MAX6639F Datasheet HTML 5Page - Maxim Integrated Products MAX6639F Datasheet HTML 6Page - Maxim Integrated Products MAX6639F Datasheet HTML 7Page - Maxim Integrated Products MAX6639F Datasheet HTML 8Page - Maxim Integrated Products MAX6639F Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MAX6639 Evaluation Kit
2
_______________________________________________________________________________________
Component Suppliers
SUPPLIER
PHONE
WEBSITE
Central Semiconductor Corp.
631-435-1110
www.centralsemi.com
Fairchild Semiconductor
888-522-5372
www.fairchildsemi.com
Hong Kong X’tals Ltd.
852-35112388
www.hongkongcrystal.com
Murata Electronics North America, Inc.
770-436-1300
www.murata-northamerica.com
TDK Corp.
847-803-6100
www.component.tdk.com
Note: Indicate that you are using the MAX6639 when contacting these component suppliers.
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
N1, N2
2
n-channel MOSFET, 1.4A, 30V
(3 SOT23)
Fairchild NDS351AN
P1
1
USB type-B right-angle PC-mount
receptacle
Q1, Q2
2
2N3906-type pnp transistors (SOT23)
Central Semi CMPT3906
R1, R2
2
27
Ω ±5% resistors (0603)
R3, R19, R20,
R21
41.5k
Ω ±5% resistors (0603)
R4
1
470
Ω ±5% resistor (0603)
R5
1
2.2k
Ω ±5% resistor (0603)
R6, R16, R18
3
10k
Ω ±5% resistors (0603)
R7
1
169k
Ω ±1% resistor (0603)
R8
1
100k
Ω ±1% resistor (0603)
R9–R13
0
Not installed, resistors—shorted by
PCB trace (0402)
R14
1
47
Ω ±5% resistor (0603)
R15, R17, R22,
R23, R24
54.7k
Ω ±5% resistors (0603)
R25, R26, R27
0
Not installed, resistors (0603)
DESIGNATION
QTY
DESCRIPTION
R28
1
220
Ω ±5% resistor (0603)
U1
1
Temp sensor fan controller (16 QSOP)
Maxim MAX6639AEE+
U2
1
Microcontroller (68 QFN-EP*)
Maxim MAXQ2000-RAX+
U3
1
LDO regulator (5 SC70)
Maxim MAX8511EXK25+
U4
1
Adjustable output LDO regulator
(5 SC70)
Maxim MAX8512EXK+
U5
1
UART-to-USB converter (32 TQFP)
U6
1
93C46 EEPROM (8 SO)
Y1
1
16MHz crystal (HCM49)
Hong Kong X’tals
SSM1600000E18FAF
Y2
1
6MHz crystal (HCM49)
Hong Kong X’tals
SSL600000E18FAF
—
7
Shunts
—
1
USB high-speed A-to-B cable, 6ft
—
1
PCB: MAX6639 Evaluation Kit+
MAX6639 EV Kit Files
*
EP = Exposed pad.
FILE
DESCRIPTION
INSTALL.EXE
Installs the EV kit files on your
computer
MAX6639.EXE
Application program
FTD2XX.INF
USB driver file
UNINST.INI
Uninstalls the EV kit software
USB_Driver_Help.PDF
USB driver installation help file



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com