Electronic Components Datasheet Search
  English  ▼

X  

MAX7301 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX7301
Description  4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7301 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX7301 Datasheet HTML 7Page - Maxim Integrated Products MAX7301 Datasheet HTML 8Page - Maxim Integrated Products MAX7301 Datasheet HTML 9Page - Maxim Integrated Products MAX7301 Datasheet HTML 10Page - Maxim Integrated Products MAX7301 Datasheet HTML 11Page - Maxim Integrated Products MAX7301 Datasheet HTML 12Page - Maxim Integrated Products MAX7301 Datasheet HTML 13Page - Maxim Integrated Products MAX7301 Datasheet HTML 14Page - Maxim Integrated Products MAX7301 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and
28-Port I/O Expander
______________________________________________________________________________________
11
COMMAND ADDRESS
REGISTER
D15
D14
D13
D12
D11
D10
D9
D8
HEX
CODE
Port 26 only (data bit D0. D7–D1 read as 0)
R/
W
01
1
1
0
1
0
0x3A
Port 27 only (data bit D0. D7–D1 read as 0)
R/
W
01
1
1
0
1
1
0x3B
Port 28 only (data bit D0. D7–D1 read as 0)
R/
W
01
1
1
1
0
0
0x3C
Port 29 only (data bit D0. D7–D1 read as 0)
R/
W
01
1
1
1
0
1
0x3D
Port 30 only (data bit D0. D7–D1 read as 0)
R/
W
01
1
1
1
1
0
0x3E
Port 31 only (data bit D0. D7–D1 read as 0)
R/
W
01
1
1
1
1
1
0x3F
4 ports 4–7 (data bits D0–D3. D4–D7 read as 0)
R/
W
10
0
0
0
0
0
0x40
5 ports 4–8 (data bits D0–D4. D5–D7 read as 0)
R/
W
10
0
0
0
0
1
0x41
6 ports 4–9 (data bits D0–D5. D6–D7 read as 0)
R/
W
10
0
0
0
1
0
0x42
7 ports 4–10 (data bits D0–D6. D7 reads as 0)
R/
W
10
0
0
0
1
1
0x43
8 ports 4–11 (data bits D0–D7)
R/
W
10
0
0
1
0
0
0x44
8 ports 5–12 (data bits D0–D7)
R/
W
10
0
0
1
0
1
0x45
8 ports 6–13 (data bits D0–D7)
R/
W
10
0
0
1
1
0
0x46
8 ports 7–14 (data bits D0–D7)
R/
W
10
0
0
1
1
1
0x47
8 ports 8–15 (data bits D0–D7)
R/
W
10
0
1
0
0
0
0x48
8 ports 9–16 (data bits D0–D7)
R/
W
10
0
1
0
0
1
0x49
8 ports 10–17 (data bits D0–D7)
R/
W
10
0
1
0
1
0
0x4A
8 ports 11–18 (data bits D0–D7)
R/
W
10
0
1
0
1
1
0x4B
8 ports 12–19 (data bits D0–D7)
R/
W
10
0
1
1
0
0
0x4C
8 ports 13–20 (data bits D0–D7)
R/
W
10
0
1
1
0
1
0x4D
8 ports 14–21 (data bits D0–D7)
R/
W
10
0
1
1
1
0
0x4E
8 ports 15–22 (data bits D0–D7)
R/
W
10
0
1
1
1
1
0x4F
8 ports 16–23 (data bits D0–D7)
R/
W
10
1
0
0
0
0
0x50
8 ports 17–24 (data bits D0–D7)
R/
W
10
1
0
0
0
1
0x51
8 ports 18–25 (data bits D0–D7)
R/
W
10
1
0
0
1
0
0x52
8 ports 19–26 (data bits D0–D7)
R/
W
10
1
0
0
1
1
0x53
8 ports 20–27 (data bits D0–D7)
R/
W
10
1
0
1
0
0
0x54
8 ports 21–28 (data bits D0–D7)
R/
W
10
1
0
1
0
1
0x55
8 ports 22–29 (data bits D0–D7)
R/
W
10
1
0
1
1
0
0x56
8 ports 23–30 (data bits D0–D7)
R/
W
10
1
0
1
1
1
0x57
8 ports 24–31 (data bits D0–D7)
R/
W
10
1
1
0
0
0
0x58
7 ports 25–31 (data bits D0–D6. D7 reads as 0)
R/
W
10
1
1
0
0
1
0x59
6 ports 26–31 (data bits D0–D5. D6–D7 read as 0)
R/
W
10
1
1
0
1
0
0x5A
5 ports 27–31 (data bits D0–D4. D5–D7 read as 0)
R/
W
10
1
1
0
1
1
0x5B
4 ports 28–31 (data bits D0–D3. D4–D7 read as 0)
R/
W
10
1
1
1
0
0
0x5C
3 ports 29–31 (data bits D0–D2. D3–D7 read as 0)
R/
W
10
1
1
1
0
1
0x5D
2 ports 30–31 (data bits D0–D1. D2–D7 read as 0)
R/
W
10
1
1
1
1
0
0x5E
1 port 31 only (data bit D0. D1–D7 read as 0)
R/
W
10
1
1
1
1
1
0x5F
Table 3. Register Address Map (continued)
Note: Unused bits read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com