Electronic Components Datasheet Search
  English  ▼

X  

MAX7301 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX7301
Description  4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7301 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX7301 Datasheet HTML 8Page - Maxim Integrated Products MAX7301 Datasheet HTML 9Page - Maxim Integrated Products MAX7301 Datasheet HTML 10Page - Maxim Integrated Products MAX7301 Datasheet HTML 11Page - Maxim Integrated Products MAX7301 Datasheet HTML 12Page - Maxim Integrated Products MAX7301 Datasheet HTML 13Page - Maxim Integrated Products MAX7301 Datasheet HTML 14Page - Maxim Integrated Products MAX7301 Datasheet HTML 15Page - Maxim Integrated Products MAX7301 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and
28-Port I/O Expander
GPIO INPUT
CONDITIONING
P31
P30
P29
P28
P27
P26
P25
P24
GPIO/PORT OUTPUT LATCH
GPIO INPUT
CONDITIONING
GPIO/PORT OUTPUT LATCH
GPIO INPUT
CONDITIONING
GPIO/PORT OUTPUT LATCH
GPIO INPUT
CONDITIONING
GPIO/PORT OUTPUT LATCH
GPIO INPUT
CONDITIONING
GPIO/PORT OUTPUT LATCH
GPIO INPUT
CONDITIONING
GPIO/PORT OUTPUT LATCH
GPIO INPUT
CONDITIONING
GPIO/PORT OUTPUT LATCH
D
Q
D
Q
D
Q
D
Q
D
Q
D
Q
D
Q
CLOCK PULSE WHEN WRITING CONFIGURATION REGISTER WITH M BIT SET
OR
CONFIGURATION REGISTER M BIT = SET
R
S
GPIO IN
GPIO/PORT OUT
CLOCK PULSE AFTER EACH READ ACCESS TO MASK REGISTER
MASK REGISTER BIT 6
MASK REGISTER BIT 5
MASK REGISTER BIT 4
MASK REGISTER BIT 3
MASK REGISTER BIT 2
MASK REGISTER BIT 1
MASK REGISTER LSB
GPIO IN
GPIO/PORT OUT
GPIO IN
GPIO/PORT OUT
GPIO IN
GPIO/PORT OUT
GPIO IN
GPIO/PORT OUT
GPIO IN
GPIO/PORT OUT
GPIO IN
GPIO/PORT OUT
GPIO IN
GPIO/PORT OUT
GPIO INPUT
CONDITIONING
GPIO/PORT
OUTPUT LATCH
INT
OUTPUT LATCH
Figure 5. Maskable GPIO Ports P24 Through P31
12
______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com