Electronic Components Datasheet Search
  English  ▼

X  

PT461F Datasheet(PDF) 3 Page - Sharp Corporation

Part # PT461F
Description  Duble-end Type Phototransistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT461F Datasheet(HTML) 3 Page - Sharp Corporation

  PT461F Datasheet HTML 1Page - Sharp Corporation PT461F Datasheet HTML 2Page - Sharp Corporation PT461F Datasheet HTML 3Page - Sharp Corporation PT461F Datasheet HTML 4Page - Sharp Corporation PT461F Datasheet HTML 5Page - Sharp Corporation PT461F Datasheet HTML 6Page - Sharp Corporation PT461F Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PT460/PT460F/PT461/PT461F/PT465F
50
75
- 25
50
0
25
75
100
100
125
150
10 -10
10 -11
10 -9
5
- 25
5
5
25
050
10 -6
10 -7
10 -8
10 -4
10 -5
5
5
5
5
5
100
75
0
25
50
75
100
125
10-6
10-7
10-8
10-9
10 -10
0
25
50
75
100
125
150
0
20
40
60
80
100
120
140
160
0
2.5
5.0
7.5
10
12.5
15.0
0
2
4
6
8
10
12
Irradiance E e ( mW/cm 2)
0.1
1
10
1.0
10
100
PT460
0.01
100
0.1
PT461
PT461F
PT460F/ 465F
Irradiance E e ( mW/cm
2)
Ambient temperature Ta ( ˚C )
Ambient temperature Ta (˚C )
Ambient temperature Ta ( ˚C )
Ambient temperature Ta ( ˚C )
VCE =5V
T a = 25˚C
Fig. 4-a Collector Current vs. Irradiance
( PT460/460F/465F )
Fig. 4-b Collector Current vs. Irradiance
Fig. 2-a Collector Dark Current vs.
Ambient Temperature
( PT460/460F/465F )
Fig. 2-b Collector Dark Current vs.
( PT461/461F )
Fig. 3-a Relative Collector Current vs.
Ambient Temperature
( PT460/460F/465F )
Fig. 3-b Relative Collector Current vs.
Ambient Temperature
( PT461/461F )
175
VCE = 20V
VCE
= 10V
VCE =5V
Ee = 1mW/cm
2
VCE = 10V
EV = 2lx
VCE =5V
T a = 25˚C
Ambient Temperature
150
( PT461/461F )



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com