Electronic Components Datasheet Search
  English  ▼

X  

PT461F Datasheet(PDF) 4 Page - Sharp Corporation

Part # PT461F
Description  Duble-end Type Phototransistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT461F Datasheet(HTML) 4 Page - Sharp Corporation

  PT461F Datasheet HTML 1Page - Sharp Corporation PT461F Datasheet HTML 2Page - Sharp Corporation PT461F Datasheet HTML 3Page - Sharp Corporation PT461F Datasheet HTML 4Page - Sharp Corporation PT461F Datasheet HTML 5Page - Sharp Corporation PT461F Datasheet HTML 6Page - Sharp Corporation PT461F Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PT460/PT460F/PT461/PT461F/PT465F
Collector-emitter voltage VCE (V)
0
5
10
15
20
25
30
0
2
4
6
8
10
12
Ee
7.5mW/cm
2
5.0mW/cm
2
2.5mW/cm
2
1.0mW/cm
2
Collector-emitter voltage V CE (V)
0
5
10
15
25
20
30
12
0
2
8
4
6
10
Ee
7.5mW/cm
2
5.0mW/cm
2
2.5mW/cm
2
1.0mW/cm
2
Collector-emitter voltage V CE (V)
02468
10
0
5
10
15
20
25
Ee
0.15mW/cm
2
0.1mW/cm
2
0.08mW/cm
2
0.06mW/cm
2
0.04mW/cm
2
Collector-emitter voltage V CE (V)
0246
10
8
0
Ee
2
4
6
8
10
12
0.1mW/cm
2
0.08mW/cm
2
0.06mW/cm
2
0.04mW/cm
2
0.15mW/cm
2
Wavelength
λ ( nm )
300
500
0
20
40
60
80
100
1000
300
0
100
20
40
60
80
Wavelength
λ ( nm )
500
1000
PT460
PT461
PT461F
14
16
T a = 25˚C
T a = 25˚C
T a = 25˚C
T a = 25˚C
Fig. 6-a Spectral Sensitivity
( PT460/460F/465F )
Fig. 6-b Spectral Sensitivity
( PT461/461F )
T a = 25˚C
Fig. 5-a Collector Current vs.
Collector-emitter Voltage
(PT460 )
Fig. 5-b Collector Current vs.
Collector-emitter Voltage
( PT460F/465F )
Fig. 5-c Collector Current vs.
Collector-emitter Voltage
(PT461 )
Fig. 5-d Collector Current vs.
Collector-emitter Voltage
(PT461F )
= 10mW/cm2
= 10mW/cm2
= 0.2mW/cm2
= 0.2mW/cm2
PC(MAX.)
PC(MAX.)
Ta = 25˚C
PC(MAX.)
PT460F/465F
P C(MAX.)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com