Electronic Components Datasheet Search
  English  ▼

X  

PT461F Datasheet(PDF) 7 Page - Sharp Corporation

Part # PT461F
Description  Duble-end Type Phototransistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT461F Datasheet(HTML) 7 Page - Sharp Corporation

  PT461F Datasheet HTML 1Page - Sharp Corporation PT461F Datasheet HTML 2Page - Sharp Corporation PT461F Datasheet HTML 3Page - Sharp Corporation PT461F Datasheet HTML 4Page - Sharp Corporation PT461F Datasheet HTML 5Page - Sharp Corporation PT461F Datasheet HTML 6Page - Sharp Corporation PT461F Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
S
∆h
S
S
S
SS
TW
T
Blue tape
White tape
t
t
L1
L2
A : Center of
cathode marking
51
52
Label
260
( Note 2 ) The lead's overlapping length on the tape.
( Note
2 ) t
W
L2-
L1
TZ
∆ hS
H
A
26
+ 1.5
- 0.0
5
+ 0.5
- 0.5
-6
+10
- 10
1.2
MAX 0.5MAX 0.8MAX 0.5MIN 2.5MAX (4.5)
( Note
1) p
*A
Blue tape (Collector )
White tape (Emitter )
( 1) Packing form
Box type
are not stuffed.
c ) For the taping of collector pin, blue tape is used, and for emitter pin, white tape in used.
( 2) Packing quantity
PT460/PT460F/PT461/PT461F/PT465F
s Packing Specification
(PT xxx T)
( Note 1 ) Tolerance of 20 pitches is ± 2mm.
a ) The tape is zigzag-folded with 50 pcs. of phototransistor per fold.
b ) Phototransistor inserting portions for 50 to 60 pcs. on the tape's starting and ending parts
2 000 pcs. per box
q
Please refer to the chapter “Precautions for Use.”
s Taping Specifications (PT xxx T)
*



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com