Electronic Components Datasheet Search
  English  ▼

X  

S16MD02 Datasheet(PDF) 2 Page - Sharp Corporation

Part # S16MD02
Description  8-Pin DIP Type SSR for Low Power Control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S16MD02 Datasheet(HTML) 2 Page - Sharp Corporation

  S16MD02 Datasheet HTML 1Page - Sharp Corporation S16MD02 Datasheet HTML 2Page - Sharp Corporation S16MD02 Datasheet HTML 3Page - Sharp Corporation S16MD02 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S16MD01/S16MD02/S26MD01/S26MD02
s Electrical Characteristics
(Ta = 25˚C )
Conditions
MIN.
TYP.
MAX.
Unit
IF = 20mA
-
1.2
1.4
V
V R =3V
-
-
10
µ A
V DRM = Rated
-
-
100
µ A
IT = 0.6A
-
-
3.0
V
V D =6V
-
-
25
mA
100
-
-
V/
µ s
IF = 15mA
-
-
35
V
V D = 6V, R L = 100
Ω
-
-
10
mA
5 x 1010
1011
-
Ω
VD = 6V, R L = 100
Ω
IF = 20mA
-
-
100
µ s
--
50
µ s
Parameter
Symbol
Input
Forward voltage
V F
Reverse current
IR
Output
Repetitive peak OFF-state current
I DRM
ON-state voltage
V T
Holding current
IH
Critical rate of rise of OFF-state voltage
Zero-cross voltage
S16MD02
Vox
Transfer
charac-
teristics
Minimum trigger current
I FT
Isolation resistance
R ISO
Turn-on time
S16MD01
S26MD01
t on
S16MD02
S26MD02
2
S26MD02
Ambient temperature T a (˚C)
- 25
0
25
50
75
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
40
Ambient temperature T a (˚C)
- 25
0
25
75
100
0
10
20
30
40
50
60
55
80
Forward voltage V F (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
10
100
1
2
5
20
50
200
Ambient temperature T a (˚C)
- 30
0
20
40
60
80
100
0
2
4
6
8
10
12
S16MD02
S16MD01
Fig. 1 RMS ON-state Current vs.
Ambient Temperature
Fig. 2 Forward Current vs.
Ambient Temperature
Fig. 3 Forward Current vs.
Forward Voltage
Fig. 4 Minimum Trigger Current vs.
Ambient Temperature
(S16MD01/S16MD02 )
80
V DRM = (1/
) • Rated
dV/dt
DC500V, 40 to 60 % RH
50
VD=6V
RL= 100 Ω
Resistance load



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com