Electronic Components Datasheet Search
  English  ▼

X  

S16MD02 Datasheet(PDF) 3 Page - Sharp Corporation

Part # S16MD02
Description  8-Pin DIP Type SSR for Low Power Control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S16MD02 Datasheet(HTML) 3 Page - Sharp Corporation

  S16MD02 Datasheet HTML 1Page - Sharp Corporation S16MD02 Datasheet HTML 2Page - Sharp Corporation S16MD02 Datasheet HTML 3Page - Sharp Corporation S16MD02 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S16MD01/S16MD02/S26MD01/S26MD02
Ambient temperature T a (˚C)
- 30
0
20
40
60
80
100
0
2
4
6
8
10
12
Ambient temperature T a (˚C)
- 30
0
20
40
60
80
100
0.8
0.9
1.0
1.1
1.2
1.3
1.4
Ambient temperature T a (˚C)
- 30
0
20
40
60
80
100
0
0.5
1.0
1.5
0
0.2
0.4
0.6
0.8
1.0
1.2
Forward current I F ( mA )
10
20
30
40
50
10
20
30
40
50
100
100
Forward current I F ( mA )
100
10
20
30
50
40
100
20
30
40
50
200
Fig. 5 Minimum Trigger Current vs.
Ambient Temperature
Fig. 6 ON-state Voltage vs.
Ambient Temperature
Fig. 7 Relative Holding Current vs.
Ambient Temperature
Fig. 8 ON-state Current vs.
ON-state Voltage
Fig. 9 Turn-on Time vs. Forward Current
Fig.10 Turn-on Time vs. Forward Current
ON-state voltage V T (V)
(S26MD01 )
( S16MD01)
( S26MD01/ S26MD02)
S26MD01
S26MD02
VD=6V
RL= 100 Ω
IT = 0.6A
IF= 20mA
Ta= 25˚C
V D =6V
101
102
103
VD=6V
RL= 100Ω
Ta= 25˚C
VD=6V
RL= 100Ω
Ta= 25˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com