Electronic Components Datasheet Search
  English  ▼

X  

S16MD02 Datasheet(PDF) 4 Page - Sharp Corporation

Part # S16MD02
Description  8-Pin DIP Type SSR for Low Power Control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S16MD02 Datasheet(HTML) 4 Page - Sharp Corporation

  S16MD02 Datasheet HTML 1Page - Sharp Corporation S16MD02 Datasheet HTML 2Page - Sharp Corporation S16MD02 Datasheet HTML 3Page - Sharp Corporation S16MD02 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
S16MD01/S16MD02/S26MD01/S26MD02
Forward current I F ( mA )
3
4
5
10
20
30
40
50
100
2
10
20
Ambient temperature T a (˚C)
- 30
0
20
40
60
80
100
15
20
25
Load
ZS
SSR
2
3
8
6
D1
R1
+ VCC
(1) DC Drive
(2) Pulse Drive
s Basic Operation Circuit
Fig.11 Turn-on Time vs. Forward Current
Fig.12 Zero-cross Voltage vs.
ZS : Surge absorption circuit
s Precautions for Use
1) All pins must be soldered since they are also used as heat sinks ( heat radiation fins) . In
designing, consider the heat radiation from the mounted SSR.
2) For higher radiation efficiency that allows wider thermal margin, secure a wider round
must be as small as possible. Pulling the gate pattern around increases the change of being
affected by external noise.
(S16MD02/S26MD02)
(S16MD02/S26MD02)
AC 100V (S16MD01/S16MD02)
AC 200V (S26MD01/S26MD02)
Notes 1 ) If large amount of surge is loaded onto V CC or the driver circuit, add a diode D 1 between terminal 2
2 ) Be sure to install a surge absorption circuit.
An appropriate circuit must be chosen according to the load
( for CR, choose its constant ) . This must be
carefully done especially for an inductive load.
more than 30mA.
3 ) For phase control, adjust such that the load current immediately after the input signal is applied will be
VI
Tr1
Load : R
AC supply voltage
Input signal
Load current
(for resistance load)
(3) Phase Control
and 3 to prevent reverse bias from being applied to the infrared LED.
pattern for Pin No.8 when designing mounting pattern. The rounded part of Pin No.5 ( gate )
Ambient Temperature
VD=6V
RL= 100Ω
Ta= 25˚C
IF= 15mA
3) As for other general cautions, refer to the chapter“Precautions for Use”



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com