Electronic Components Datasheet Search
  English  ▼

X  

LM2930 Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM2930
Description  100mA LOW DROPOUT VOLTAGE REGULATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2930 Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM2930 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2930 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2930 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2930 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
100mA LOW DROPOUT VOLTAGE REGULATORS
LM2930/1
BLOCK DIAGRAM AND TYPICAL APPLICATIONS (Fixed)
BLOCK DIAGRAM AND TYPICAL APPLICATIONS (Adjustable)
ABSOLUTE MAXIMUM RATINGS
HTC
INTERNALLY LIMITED
260℃
- 2 -
-20V to +35V
-55℃ to +150℃
Storage Temperature Range
Operating Junction Temperature Range
Input Supply Voltage
POWER DISSIPATION
-65℃ to +150℃
Lead Temperature (Soldering, 5 seconds)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com