Electronic Components Datasheet Search
  English  ▼

X  

LM2930 Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # LM2930
Description  100mA LOW DROPOUT VOLTAGE REGULATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2930 Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM2930 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2930 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2930 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2930 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
100mA LOW DROPOUT VOLTAGE REGULATORS
LM2930/1
Note 1 : Output or reference voltage temperature coefficients defined as the worst case voltage change divided by the total
temperature range.
Note 2 : Regulations is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in
output voltage due to heating effects are covered under the specification for thermal regulation.
Note 3 : Line regulation is tested at 150℃ for IL=1mA. For IL=100uA and TJ=125℃, line regulation is guaranteed by design
to 0.2%.
Note 4 : Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value measured at 1V differential.
Note 5 : Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the
ground pin current and output load current.
Note 6 : Thermal regulation is the change in output voltage at a time T after a change in power dissipation, excluding load
or line regulation effects. Specifications are for a 50mA load pulse (1.25W) for T=10ms.
Note 7 : VREF≤VO≤(VIN-1V), 2.3V≤VIN≤30V, 100㎂≤IL≤100㎃, TJ≤TJMAX
Note 8 : VSHUTDOWN≥2V, VIN≤26V, VO=0, Feed-back pin tied to -XX V Tap.
HTC
- 4 -



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com