Electronic Components Datasheet Search
  English  ▼

X  

LM2930 Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # LM2930
Description  100mA LOW DROPOUT VOLTAGE REGULATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2930 Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM2930 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2930 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2930 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2930 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
100mA LOW DROPOUT VOLTAGE REGULATORS
LM2930/1
ELECTRICAL CHARACTERISTICS (at T
A=25℃, VIN=15V, unles otherwise specified)
-25℃ ≤TJ ≤85℃
0.985|VO|
1.015|VO|
Full Operating Temperature
0.980|VO|
1.020|VO|
Output Voltage
100㎂≤IL≤100㎃,TJ≤TJMAX
0.975|VO|
1.025|VO|
Input Supply Voltage
Output Voltage Temperature Coefficient
(Note 1)
Line Regulation (Note 2)
13V ≤ VIN ≤ 26V (Note 3)
Load Regulation (Note 2)
1mA ≤ IL ≤ 100mA
IL=10mA
IL=100㎃
IL=100㎂
IL=10mA
IL=100㎃
Dropout Ground Current (Note 5)
VIN=V
O-0.5V, I
L=100㎂
Current Limit
V
O=0
Thermal Regulation (Note 6)
CL=2.2㎌
CL=3.3㎌
CL=33㎌
Reference Voltage
Reference Voltage
Over Temperature (Note 7)
Feedback Pin Bias Current
Reference Voltage Temperature Coefficient
(Note 1)
Feedback Voltage Temperature Coefficient
Shutdown Input
Low (Regulator ON)
High (Regulator OFF)
VS=2.4V
VS=26V
(Note 8)
HTC
0.6
%
250
㎷
600
ppm/℃
V
26
0.4
%
150
MAX
UNITS
PARAMETER
CONDITIONS (Note 2)
MIN
TYP
V
㎂
30
50
600
10
450
㎂
120
1.26
1.285
1.235
%/W
0.3
0.05
100
0.1
40
500
350
20
150
12
170
200
Output Voltage
VO
0.1
Dropout Voltage (Note 4)
60
VO
300
50
0.1
2.0V ≤ VO < 3.3V
Regulator Output Current Shutdown
20
30
5.0V ≤ VO < 15.0V
3.3V ≤ VO< 5.0V
Shutdown Pin Input Current
Input Logic Voltage
Ground Current (Note 5)
0.9
1.5
mA
- 3 -
2
1.3
0.7
8
110
160
mA
㎂
㎃
1.21
1.185
nA
ppm/℃
V
50
nA/℃
Output Noise, 10Hz to 100kHz
IL=10mA
Ripple Rejection Ratio
μVr㎳
dB
60
Io=10mA, f=120Hz, Co=100uF
Vin = Vo + 3V + 2Vpp
SOP-8 PKG only



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com