Electronic Components Datasheet Search
  English  ▼

X  

HMC381LP6 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC381LP6
Description  HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC381LP6 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC381LP6 Datasheet HTML 1Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 2Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 3Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 4Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 5Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 6Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 7Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
8
8 - 73
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Harmonics of LO
MxN Spurious @ IF Port
nLO
mRF
0
1234
0xx
21
52
40
48
1540
57
82
88
295
79
53
84
94
394
94
95
72
95
4
9495949595
RF Freq. = 1.9 GHz @ -10 dBm
LO Freq. = 1.65 GHz @ 0 dBm
All values in dBc relative to the IF power level.
nLO Spur @ RF Port
LO Freq. (GHz)
1
2
3
4
1.4
8
12
15
19
1.5
9
13
16
21
1.6
11
14
17
24
1.7
13
15
18
29
1.8
12
13
19
29
1.9
11
12
19
28
LO = 0 dBm
All values in dBc below input LO level measured at RF port.
Conversion Gain @ LO = 0 dBm
IF = 156 MHz
0
2
4
6
8
10
12
14
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
RF FREQUENCY (GHz)
Input IP3 & Input P1dB
@ LO = 0 dBm, IF = 156 MHz
0
5
10
15
20
25
30
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
INPUT IP3
OUTPUT P1dB
INPUT P1dB
RF FREQUENCY (GHz)
Isolation @ LO = 0 dBm, IF = 156 MHz
-60
-50
-40
-30
-20
-10
0
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
RF TO IF
LO TO RF
LO TO IF
FREQUENCY (GHz)
HMC381LP6 / 381LP6E
v04.1007
HIGH IP3 RFIC DUAL
DOWNCONVERTER, 1.7 - 2.7 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com