Electronic Components Datasheet Search
  English  ▼

X  

HMC381LP6 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC381LP6
Description  HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC381LP6 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC381LP6 Datasheet HTML 1Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 2Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 3Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 4Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 5Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 6Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 7Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
8
8 - 70
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC381LP6 / 381LP6E
HIGH IP3 RFIC DUAL
DOWNCONVERTER, 1.7 - 2.7 GHz
v04.1007
General Description
Features
Functional Diagram
The HMC381LP6 & HMC381LP6E are high linearity
Dual Down Converter Receiver ICs that operate
from 1.7 - 2.7 GHz and deliver a +27 dBm input third
order intercept point for UMTS, PHS and WiMAX
applications. The passive mixer outputs and high
dynamic range IF amplifier inputs are positioned
so that an external IF filter can be placed in series
between them. The converter provides a gain of
9 dB and 12 dB typical single side band noise
figure. The IC operates from a positive +5V rail
consuming 260 mA of current while requiring a LO
drive level of only -4 to +4 dBm. The design requires
no external baluns and supports IF frequencies
between 50 and 300 MHz.
Input IP3: +27 dBm
Low Single Input LO Drive: 0 dBm
Conversion Gain: 9 dB
Noise Figure: 12 dB
Single Positive Supply: +5V @ 260 mA
Electrical Specifications, T
A = +25° C, LO = 0 dBm, Vdd = 5V
Typical Applications
The HMC381LP6 / HMC381LP6E is ideal for Wireless
Infrastructure Applications:
• GSM, GPRS & EDGE
• CDMA & W-CDMA
• PHS & PDC
• WiMAX
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, RF
1.7 - 2.0
2.0 - 2.2
2.5 - 2.7
GHz
Frequency Range, LO
1.4 - 2.3
1.7 - 2.5
2.2 - 2.6
GHz
Frequency Range, IF
50 - 300 [1]
50 - 300 [1]
50 - 300 [2]
MHz
Conversion Gain
6.5
8.5
79
79
dB
Noise Figure (SSB)
12
12.5
dB
LO to RF Isolation
11
11
5
dB
LO to IF Isolation
16
20
14
18
13
18
dB
RF to IF Isolation
30
40
40
46
32
37
dB
IP3 (Input)
2326
24
27
2326
dBm
1 dB Compression (Input)
12
12
10
dBm
Branch Isolation
50
52
50
dB
LO Drive Input Level (Typical)
-4 to +4
dBm
Supply Current (Idd for LO & IF)
(IF bias resistor= 4.7 Ohms)
260
330
260
330
260
330
mA
[1] Unless otherwise noted all measurements with low side LO & IF = 250 MHz.
[2] Unless otherwise noted all measurements with low side LO & IF = 156 MHz.


Similar Part No. - HMC381LP6

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
More results

Similar Description - HMC381LP6

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC377QS16G HITTITE-HMC377QS16G Datasheet
298Kb / 8P
CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC380QS16G HITTITE-HMC380QS16G Datasheet
257Kb / 8P
PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC581LP6 HITTITE-HMC581LP6 Datasheet
1Mb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
HMC380QS16G HITTITE-HMC380QS16G_06 Datasheet
354Kb / 8P
PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC380QS16G HITTITE-HMC380QS16G_08 Datasheet
245Kb / 8P
PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC581LP6 HITTITE-HMC581LP6_09 Datasheet
297Kb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
HMC623LP4 HITTITE-HMC623LP4 Datasheet
713Kb / 8P
RFIC DOWNCONVERTER SMT, 1.8 - 2.7 GHz
logo
TriQuint Semiconductor
TQP569022 TRIQUINT-TQP569022_15 Datasheet
721Kb / 15P
1.7-2.2 GHz High IP3 Dual Channel Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com