Electronic Components Datasheet Search
  English  ▼

X  

HMC381LP6 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC381LP6
Description  HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC381LP6 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC381LP6 Datasheet HTML 1Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 2Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 3Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 4Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 5Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 6Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 7Page - Hittite Microwave Corporation HMC381LP6 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
8
8 - 72
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input and Output IP3
vs. Temperature @ LO = 0 dBm
Input and Output IP3 vs LO Drive
Noise Figure vs. IF Frequency
Branch Isolation RF1 - IF2 vs. LO Drive
IF = 250 MHz
Input and Output IP2 vs. LO Drive
15
20
25
30
35
40
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
IIP3, -2 dBm
OIP3, -2 dBm
IIP3, 0 dBm
OIP3, 0 dBm
IIP3, +2 dBm
OIP3, +2 dBm
RF FREQUENCY (GHz)
IIP3
OIP3
10
15
20
25
30
35
40
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
IIP3, +25C
OIP3, +25C
IIP3, +85C
OIP3, +85C
IIP3, -40C
OIP3, -40C
RF FREQUENCY (GHz)
IIP3
OIP3
5
6
7
8
9
10
11
12
13
14
15
50
100
150
200
250
300
350
400
LO=1.7GHz
LO=1.8GHz
LO=1.9GHz
LO=2.0GHz
LO=2.1GHz
LO=2.2GHz
IF FREQUENCY (MHz)
-60
-50
-40
-30
-20
-10
0
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
LO = -4 dBm
LO = -2 dBm
LO = 0 dBm
LO =+2 dBm
LO =+4 dBm
RF FREQUENCY (GHz)
0
10
20
30
40
50
60
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
IIP2, -2dBm
OIP2, -2dBm
IIP2, 0dBm
OIP2, 0dBm
IIP2, +2dBm
OIP2, +2dBm
RF FREQUENCY (GHz)
Branch Isolation RF1 - IF2
LO = 0 dBm, IF = 156 MHz
-60
-50
-40
-30
-20
-10
0
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
RF FREQUENCY (GHz)
Reference to output of standard path
HMC381LP6 / 381LP6E
v04.1007
HIGH IP3 RFIC DUAL
DOWNCONVERTER, 1.7 - 2.7 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com