Electronic Components Datasheet Search
  English  ▼

X  

LM5171D Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM5171D
Description  1.5A, 280kHz, Boost Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM5171D Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM5171D Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM5171D Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM5171D Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM5171D Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM5171D Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM5171D Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM5171D Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM5171D Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM5171D Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
1.5A, 280kHz, Boost Regulator
LM5171
Dec. 2010 - Rev. 1.2.1
- 2
-
HTC
ABSOLUTE MAXIMUM RATINGS*
Pin Name
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
IC Power Input
Vcc
30 V
- 0.3 V
N / A
200 mA
Shutdown / Sync
SS
30 V
- 0.3 V
1.0 mA
1.0 mA
Loop Compensation
Vc
6.0 V
- 0.3 V
10 mA
10 mA
Voltage Feedback Input
FB
10 V
- 0.3 V
1.0 mA
1.0 mA
Test Pin
Test
6.0 V
- 0.3 V
1.0 mA
1.0 mA
Power Ground
PGND
0.3 V
- 0.3 V
4.0 A
1.0 mA
Analog Ground
AGND
0 V
0 V
N / A
10 mA
Switch Input
Vsw
40 V
- 0.3 V
10 mA
3.0 A
* Operating Ratings indicate conditions for which the device is intended to be but do not guarantee specific performance limits. For guaranteed
specifications, see the Electrical Characteristics.)
BLOCK DIAGRAM
R
Oscillator
Thermal
Shutdown
Frequency
Shift 5:1
2.0V
Regulator
Delay
Timer
Sync
Driver
0.4V Detector
63mΩ
Shutdown
Error Amp
1.276V
PWM
Comparator
- +
-
+
SQ
Switch
x 5
Ramp
Summer
VCC
SS
Test
FB
AGND
VSW
PGND
VC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com