Electronic Components Datasheet Search
  English  ▼

X  

LM5171D Datasheet(PDF) 5 Page - HTC Korea TAEJIN Technology Co.

Part # LM5171D
Description  1.5A, 280kHz, Boost Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM5171D Datasheet(HTML) 5 Page - HTC Korea TAEJIN Technology Co.

  LM5171D Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM5171D Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM5171D Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM5171D Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM5171D Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM5171D Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM5171D Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM5171D Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM5171D Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
1.5A, 280kHz, Boost Regulator
LM5171
Dec. 2010 - Rev. 1.2.1
- 5
-
HTC
ELECTRICAL CHARACTERISTICS (Continued)
2.7V < Vcc < 30 V, 0°C < TJ < 125°C, unless otherwise stated.
Characteristics
Test Condition
Min
TYP
Max
Unit
Sync / Shutdown
Sync Range
320
-
500
kHz
Sync Pulse Transition Threshold
Rise Time = 20 ns
2.5
-
-
V
SS = 0V
-15
-3
-
SS Bias Current
SS = 3.0V
-
3
8
uA
Shutdown Threshold
0.50
0.85
1.20
V
2.7V ≤ Vcc ≤ 12V
12
80
350
us
Shutdown Delay
12V ≤ Vcc ≤ 30V
12
36
200
us
Power Switch
ISWITCH = 1.5A
(Note 2)
-
0.8
1.4
V
ISWITCH = 1.0A, 0°C ≤ TA ≤ 70°C
-
0.55
1.00
V
Switch Saturation Voltage
ISWITCH = 10mA
-
0.09
0.45
V
50% duty cycle
(Note 2)
1.6
1.9
2.4
A
Switch Current Limit
80% duty cycle
(Note 2)
1.5
1.7
2.2
A
Minimum Pulse Width
FB = 0V, Isw = 4.0A
(Note 2)
200
250
300
ns
2.7V ≤ VCC ≤ 12V, 10mA ≤ Isw ≤1.0A
-
10
30
mA/A
12V ≤ VCC ≤ 30V, 10mA ≤ Isw ≤ 1.0A
-
-
100
mA/A
2.7V ≤ VCC ≤ 12V,10mA ≤ Isw ≤ 1.5A
(Note2)
-
17
30
mA/A
∆Icc/∆Ivsw
12V ≤ VCC ≤ 30V, 10mA≤ Isw ≤ 1.5A
(Note2)
-
-
100
mA/A
Switch Leakage
Vsw = 40V, Vcc = 0V
-
2.0
100
uA
General
Operating Current
Isw = 0
-
5.5
8
mA
Vc < 0.8V, SS = 0V, 2.7V ≤ Vcc ≤ 12V
-
12
60
uA
Shutdown Mode Current
Vc < 0.8V, SS = 0V, 12V ≤ Vcc ≤ 30V
-
-
100
uA
Minimum Operating Input Voltage
Vsw Switching, Maximum Isw = 10mA
-
2.45
2.70
V
Thermal Shutdown
(Note 2)
150
180
210
°C
Thermal Hysteresis
(Note 2)
-
25
-
°C
Note 2. Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com