Electronic Components Datasheet Search
  English  ▼

X  

LM5171D Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # LM5171D
Description  1.5A, 280kHz, Boost Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM5171D Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM5171D Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM5171D Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM5171D Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM5171D Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM5171D Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM5171D Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM5171D Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM5171D Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM5171D Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
1.5A, 280kHz, Boost Regulator
LM5171
Dec. 2010 - Rev. 1.2.1
- 3
-
HTC
PIN CONFIGURATION
VC
FB
Test
SS
VSW
PGND
AGND
VCC
1
2
3
4
8
7
6
5
SOP-8 PKG
PIN DESCRIPTION
Pin No.
Pin Name
Pin Function
1
VC
Loop compensation pin. The VC pin is the output of the error amplifier and is used for loop
compensation and current limit. Loop compensation can be implemented by a simple RC
network as shown in the application circuit on page 4 as R1 and C1.
2
FB
Feedback pin. This pin senses an output voltage and is referenced to 1.276V. When the
voltage at this pin falls below 0.4V, chip switching frequency reduces to 20% of the
nominal frequency.
3
Test
This pin is connected to internal test logic and should either be left floating or be used in
soft start circuit. Connection to a voltage between 9.5 V and 15 V shuts down the internal
oscillator and leaves the power switch running.
4
SS
Synchronization and shutdown pin. This pin may be used to synchronize the part to nearly
twice the base frequency. A TTL low will shut the part down and put it into low current
mode. If synchronization is not used, this pin should be either tied high or left floating for
normal operation.
5
VCC
Input power supply pin. This pin supplies power to the part and should have a bypass
capacitor connected to AGND.
6
AGND
Analog ground. This pin provides a clean ground for the controller circuitry and should not
be in the path of large currents. The output voltage sensing resistors should be connected
to this ground pin. This pin is connected to the IC substrate.
7
PGND
Power ground. This pin is the ground connection for the emitter of the power switching
transistor. Connection to a good ground plane is essential.
8
VSW
High current switch pin. This pin connects internally to the collector of the power switch.
The open voltage across the power switch can be as high as 40 V. To minimize radiation,
use a trace as short as practical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com