Electronic Components Datasheet Search
  English  ▼

X  

HMC451LC3 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC451LC3
Description  GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC451LC3 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC451LC3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC451LC3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC451LC3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC451LC3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC451LC3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC451LC3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 129
Outline Drawing
Absolute Maximum Ratings
Drain Bias Voltage (Vdd
1
= Vdd
2
)
+5.5 Vdc
RF Input Power (RFIN)(Vdd = +5Vdc)
+10 dBm
Channel Temperature
175 °C
Continuous Pdiss (T = 85 °C)
(derate 12.4 mW/°C above 85 °C)
1.1 W
Thermal Resistance
(channel to ground paddle)
80 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Vdd
1
= Vdd
2
(V)
Idd
1
= Idd
2
(mA)
+4.5
111
+5.0
114
+5.5
116
Note: Amplifier will operate over full voltage range shown above
NOTES:
1. PACKAGE BODY MATERIAL: ALUMINA
2. LEAD AND GROUND PADDLE PLATING: 30-80 MICROINCHES GOLD OVER 50
MICROINCHES MINIMUM NICKEL
3. DIMENSIONS ARE IN INCHES [MILLIMETERS].
4. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm DATUM -C-
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED
TO PCB RF GROUND.
Typical Supply Current vs. Vdd
1 = Vdd2
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC451LC3
v04.1208
GaAs PHEMT MMIC MEDIUM
POWER AMPLIFIER, 5 - 20 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com